Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 40 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 40 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 36Page - SPANSION MB9AAA0N Datasheet HTML 37Page - SPANSION MB9AAA0N Datasheet HTML 38Page - SPANSION MB9AAA0N Datasheet HTML 39Page - SPANSION MB9AAA0N Datasheet HTML 40Page - SPANSION MB9AAA0N Datasheet HTML 41Page - SPANSION MB9AAA0N Datasheet HTML 42Page - SPANSION MB9AAA0N Datasheet HTML 43Page - SPANSION MB9AAA0N Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
D a t a S h e e t
June 30, 2015, MB9AAA0N_DS706-00067-2v0-E
37
CONFIDENTIAL
Type
Circuit
Remarks
G
P-ch
N-ch
R
 CMOS level output
 CMOS level hysteresis input
 With standby mode control
 5 V tolerant input
 I
OH = -4 mA, IOL = 4 mA
 Available to control PZR
registers. P0B, P0C, P4C, P60,
P81, P82 only.
 When this pin is used as an
I
2C pin, the digital output
P-ch transistor is always off
H
CMOS level hysteresis input
J
P-ch
P-ch
N-ch
R
 CMOS level output
 CMOS level hysteresis input
 With input control
 LCD segment output
 With pull-up resistor control
 With standby mode control
 Pull-up resistor
: Approximately 50 kΩ
 I
OH = -4 mA, IOL = 4 mA
 When this pin is used as an
I
2C pin, the digital output
P-ch transistor is always off
Mode input
Digital output
Digital output
Pull-up resistor control
Digital input
Standby mode control
LCD output
LCD control
Digital output
Digital output
Digital input
Standby mode control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com