Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 107 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 107 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 101Page - SPANSION MB9AAA0N Datasheet HTML 102Page - SPANSION MB9AAA0N Datasheet HTML 103Page - SPANSION MB9AAA0N Datasheet HTML 104Page - SPANSION MB9AAA0N Datasheet HTML 105Page - SPANSION MB9AAA0N Datasheet HTML 106Page - SPANSION MB9AAA0N Datasheet HTML 107Page - SPANSION MB9AAA0N Datasheet HTML 108Page - SPANSION MB9AAA0N Datasheet HTML 109Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
D a t a S h e e t
104
MB9AAA0N_DS706-00067-2v0-E, June 30, 2015
CONFIDENTIAL
 Major Changes
Page
Section
Change Results
Revision 0.1
-
-
Initial release
Revision 1.0
-
-
Changed from Preliminary to Full Producton
-
-
Deleted a part of QFN
66,67
ELECTRICAL CHARACTERISTICS
3.DC Characteristics
(1) Current Rating
Revised the values of “TBD”
Revision 2.0
2
Features
· On-chip Memories
Changed the description of on-chip SRAM
7 - 33
Packages
Pin Assignment
List of Pin Functions
Deleted QFN package
45
Handling Devices
Crystal oscillator circuit
Added the following description
"Evaluate oscillation of your using crystal oscillator by your mount board."
49
Memory Map
· Memory map(2)
Added the summary of Flash memory sector
64 - 66
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main Timer mode current
· Added Flash Memory Current
· Moved A/D Converter Current
· Moved D/A Converter Current
67
Electrical Characteristics
3. DC Characteristics
(2) Pin Characteristics
Added the input leak current of CEC port at power off
71
Electrical Characteristics
4. AC Characteristics
(4-1) Operating Conditions of Main PLL
(4-2) Operating Conditions of Main PLL
· Added the figure of Main PLL connection
72
Electrical Characteristics
4. AC Characteristics
(6) Power-on Reset Timing
· Changed the figure of timing
· Changed from Reset release delay time(tOND) to Time until releasing
Power-on reset(tPRT)
74 - 81
Electrical Characteristics
4. AC Characteristics
(8) CSIO/UART Timing
· Modified from UART Timing to CSIO/UART Timing
· Changed from Internal shift clock operation to Master mode
· Changed from External shift clock operation to Slave mode
85
Electrical Characteristics
5. 12bit A/D Converter
· Added the typical value of Integral Nonlinearity, Differential Nonlinearity,
Zero transition voltage and Full-scale transition voltage
· Added Conversion time at AVCC < 2.7 V
89
Electrical Characteristics
7. Low-voltage Detection Characteristics
Deleted the figure
92
Electrical Characteristics
8. Flash Memory Write/Erase
Characteristics
Change to the erase time of include write time prior to internal erase
93 - 96
Electrical Characteristics
9. Return Time from Low-Power
Consumption Mode
Added Return Time from Low-Power Consumption Mode
97
Ordering Information
Changed notation of part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com