Electronic Components Datasheet Search
  English  ▼

X  

TAS5751M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5751M
Description  Digital Input Audio Power Amplifier
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5751M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5751M Datasheet HTML 17Page - Texas Instruments TAS5751M Datasheet HTML 18Page - Texas Instruments TAS5751M Datasheet HTML 19Page - Texas Instruments TAS5751M Datasheet HTML 20Page - Texas Instruments TAS5751M Datasheet HTML 21Page - Texas Instruments TAS5751M Datasheet HTML 22Page - Texas Instruments TAS5751M Datasheet HTML 23Page - Texas Instruments TAS5751M Datasheet HTML 24Page - Texas Instruments TAS5751M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
21
TAS5751M
www.ti.com
SLASEC1A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TAS5751M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4.6 SSTIMER Pin Functionality
The SSTIMER pin uses a capacitor connected between this pin and ground to control the output duty cycle when
exiting all-channel shutdown. The capacitor on the SSTIMER pin is slowly charged through an internal current
source, and the charge time determines the rate at which the output transitions from a near-zero duty cycle to the
desired duty cycle. This allows for a smooth transition that minimizes audible pops and clicks. When the part is
shut down, the drivers are placed in the high-impedance state and transition slowly down through an internal 3-
k
Ω resistor, similarly minimizing pops and clicks. The shutdown transition time is independent of the SSTIMER
pin capacitance. Larger capacitors increase the start-up time, while smaller capacitors decrease the start-up
time. The SSTIMER pin can be left floating for BD modulation.
7.4.7 Device Protection System
7.4.7.1 Overcurrent (OC) Protection With Current Limiting
The TAS5751M device has independent, fast-reacting current detectors on all high-side and low-side power-
stage FETs. The detector outputs are closely monitored to prevent the output current from increasing beyond the
overcurrent threshold defined in the Protection Characteristics table.
If the output current increases beyond the overcurrent threshold, the device shuts down and the outputs
transition to the off or high impedance (Hi-Z) state. The device returns to normal operation once the fault
condition (i.e., a short circuit on the output) is removed. Current-limiting and overcurrent protection are not
independent for half-bridges. That is, if the bridge-tied load between half-bridges A and B causes an overcurrent
fault, half-bridges A, B, C, and D shut down.
7.4.7.2 Overtemperature Protection
The TAS5751M device has an overtemperature-protection system. If the device junction temperature exceeds
150°C (nominal), the device enters thermal shutdown, where all half-bridge outputs enter the high-impedance
(Hi-Z) state, and ADR/FAULT asserts low if the device is configured to function as a fault output. The TAS5751M
device recovers automatically once the junction temperature of the device drops approximately 30°C.
7.4.7.3 Undervoltage Protection (UVP) and Power-On Reset (POR)
The UVP and POR circuits of the TAS5751M device fully protect the device in any power-up/down and brownout
situation. While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are
fully operational when the PVDD and AVDD supply voltages reach 7.6 V and 2.7 V, respectively. Although PVDD
and AVDD are independently monitored. For PVDD, if the supply voltage drops below the UVP threshold, the
protection feature immediately sets all half-bridge outputs to the high-impedance (Hi-Z) state and asserts
ADR/FAULT low.
7.5 Device Functional Modes
The TAS5751M device is a digital input class-d amplifier with audio processing capabilities. The TAS5751M
device has numerous modes to configure and control the device.
7.5.1 Serial Audio Port Operating Modes
The serial audio port in the TAS5751M device supports industry-standard audio data formats, including I²S, Left-
justified(LJ) and Right-justified(RJ) formats. To select the data format that will be used with the device can
controlled by using the serial data interface registers 0x04. The default is 24bit, I²S mode. The timing diagrams
for the various serial audio port are shown in the Serial Interface Control and Timing section
7.5.2 Communication Port Operating Modes
The TAS5751M device is configured via an I²C communication port. The I²C communication protocol is detailed
in the 7.7 I²C Serial Control Port Requirements and Specifications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com