Electronic Components Datasheet Search
  English  ▼

X  

TAS5751M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5751M
Description  Digital Input Audio Power Amplifier
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5751M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5751M Datasheet HTML 9Page - Texas Instruments TAS5751M Datasheet HTML 10Page - Texas Instruments TAS5751M Datasheet HTML 11Page - Texas Instruments TAS5751M Datasheet HTML 12Page - Texas Instruments TAS5751M Datasheet HTML 13Page - Texas Instruments TAS5751M Datasheet HTML 14Page - Texas Instruments TAS5751M Datasheet HTML 15Page - Texas Instruments TAS5751M Datasheet HTML 16Page - Texas Instruments TAS5751M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.0 BTL Mode
RL = 8Ω
TA = 25°C
G023
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.0 BTL Mode
RL = 4Ω
TA = 25°C
G022
0.001
0.01
0.1
1
10
0.01
0.1
1
10
20
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
2.0 BTL Mode
PVDD = 24V
RL = 6Ω
TA = 25°C
G020
0.001
0.01
0.1
1
10
0.01
0.1
1
10
20
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
2.0 BTL Mode
PVDD = 24V
RL = 4Ω
TA = 25°C
G019
0.001
0.01
0.1
1
10
0.01
0.1
1
10
20
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
2.0 BTL Mode
PVDD = 18V
RL = 4Ω
TA = 25°C
G016
0.001
0.01
0.1
1
10
0.01
0.1
1
10
20
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
2.0 BTL Mode
PVDD = 24V
RL = 8Ω
TA = 25°C
G021
13
TAS5751M
www.ti.com
SLASEC1A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TAS5751M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics - Stereo BTL Mode (continued)
Figure 21. THD+N vs Output Power
Figure 22. THD+N vs Output Power
Figure 23. THD+N vs Output Power
Figure 24. THD+N vs Output Power
Total Output Power includes power delivered from both amplifier
outputs. For instance, 40 W of total output power means 2 × 20 W,
with 20 W delivered by one channel and 20 W delivered by the
other channel.
Figure 25. Efficiency vs Total Output Power
Total Output Power includes power delivered from both amplifier
outputs. For instance, 40 W of total output power means 2 × 20 W,
with 20 W delivered by one channel and 20 W delivered by the
other channel.
Figure 26. Efficiency vs Total Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com