Electronic Components Datasheet Search
  English  ▼

X  

TAS5751M Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5751M
Description  Digital Input Audio Power Amplifier
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5751M Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5751M Datasheet HTML 35Page - Texas Instruments TAS5751M Datasheet HTML 36Page - Texas Instruments TAS5751M Datasheet HTML 37Page - Texas Instruments TAS5751M Datasheet HTML 38Page - Texas Instruments TAS5751M Datasheet HTML 39Page - Texas Instruments TAS5751M Datasheet HTML 40Page - Texas Instruments TAS5751M Datasheet HTML 41Page - Texas Instruments TAS5751M Datasheet HTML 42Page - Texas Instruments TAS5751M Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
39
TAS5751M
www.ti.com
SLASEC1A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TAS5751M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
SUBADDRESS
REGISTER NAME
NO. OF
BYTES
CONTENTS
DEFAULT
VALUE
0x63–0x69
Reserved
4
Reserved(1)
0x0000 0000
0x6A
4
0x0000 8312
0x6B
Left channel PWM level meter
4
Data[31:0]
0x007F 7CED
0x6C
Right channel PWM level meter
4
Data[31:0]
0x0000 0000
0x6D
Reserved
8
Reserved(1)
0x0000 0000 0000
0000
0x6E–0x6F
4
0x0000 0000
0x70
ch1 inline mixer
4
u[31:26], in_mix1[25:0]
0x0080 0000
0x71
inline_AGL_en_mixer_ch1
4
u[31:26], in_mixagl_1[25:0]
0x0000 0000
0x72
ch1 right_channel mixer
4
u[31:26], right_mix1[25:0]
0x0000 0000
0x73
ch1 left_channel_mixer
4
u[31:26], left_mix_1[25:0]
0x0080 0000
0x74
ch2 inline mixer
4
u[31:26], in_mix2[25:0]
0x0080 0000
0x75
inline_AGL_en_mixer_ch2
4
u[31:26], in_mixagl_2[25:0]
0x0000 0000
0x76
ch2 left_chanel mixer
4
u[31:26], left_mix1[25:0]
0x0000 0000
0x77
ch2 right_channel_mixer
4
u[31:26], right_mix_1[25:0]
0x0080 0000
0x78–0xF7
Reserved(1)
0x0000 0000
0xF8
Update device address key
4
Dev Id Update Key[31:0] (Key =
0xF9A5A5A5)
0x0000 0054
0xF9
Update device address
4
u[31:8],New Dev Id[7:0] (New Dev Id = 0x54
for TAS5751M)
0x0000 0054
0xFA–0xFF
4
Reserved(1)
0x0000 0000
(1)
Default values are in bold.
(2)
Only available for 44.1-kHz and 48-kHz rates
(3)
Rate only available for 32/44.1/48-KHz sample rates
(4)
Not available at 8 kHz
All DAP coefficients are 3.23 format unless specified otherwise.
Registers 0x3B through 0x46 should be altered only during the initialization phase.
7.7.2 Detailed Register Descriptions
7.7.2.1 Clock Control Register (0x00)
The clocks and data rates are automatically determined by the TAS5751M. The clock control register contains
the autodetected clock status. Bits D7–D5 reflect the sample rate. Bits D4–D2 reflect the MCLK frequency.
Table 5. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
fS = 32-kHz sample rate
0
0
1
Reserved
0
1
0
Reserved
0
1
1
fS = 44.1/48-kHz sample rate
(1)
1
0
0
fS = 16-kHz sample rate
1
0
1
fS = 22.05/24-kHz sample rate
1
1
0
fS = 8-kHz sample rate
1
1
1
fS = 11.025/12-kHz sample rate
0
0
0
MCLK frequency = 64 × fS
(2)
0
0
1
1
MCLK frequency = 128 × fS
(2)
0
0
0
0
1
0
0
0
MCLK frequency = 192 × fS
(3)
0
1
1
MCLK frequency = 256 × fS
(1) (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com