Electronic Components Datasheet Search
  English  ▼

X  

TAS5751M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5751M
Description  Digital Input Audio Power Amplifier
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5751M Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5751M Datasheet HTML 2Page - Texas Instruments TAS5751M Datasheet HTML 3Page - Texas Instruments TAS5751M Datasheet HTML 4Page - Texas Instruments TAS5751M Datasheet HTML 5Page - Texas Instruments TAS5751M Datasheet HTML 6Page - Texas Instruments TAS5751M Datasheet HTML 7Page - Texas Instruments TAS5751M Datasheet HTML 8Page - Texas Instruments TAS5751M Datasheet HTML 9Page - Texas Instruments TAS5751M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
TAS5751M
SLASEC1A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5751M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
6.4 Thermal Characteristics
THERMAL METRIC(1)
DCA (48 PINS)
UNITS
Special Test
Case
JEDEC
Standard 2-
Layer PCB
JEDEC
Standard 4-
Layer PCB
TAS5751MEVM
θJA
Junction-to-ambient thermal resistance(2)
49.9
26.2
24.0
°C/W
θJCtop
Junction-to-case (top) thermal resistance(3)
14.9
°C/W
θJB
Junction-to-board thermal resistance(4)
6.9
°C/W
ψJT
Junction-to-top characterization parameter(5)
1.1
0.8
0.7
°C/W
ψJB
Junction-to-board characterization parameter(6)
10.8
6.8
1.7
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance(7)
1.7
°C/W
6.5 Electrical Characteristics
TA = 25°, PVDD_x = 24 V, DVDD = AVDD = 3.3 V, RL= 8 Ω, BTL BD mode, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
ADR/FAULT and SDA
IOH = –4 mA
DVDD = AVDD = 3 V
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
DVDD = AVDD = 3 V
0.5
V
IIL
Low-level input current
Digital Inputs
VI < VIL
DVDD = AVDD = 3.6 V
75
μA
IIH
High-level input current
VI > VIH
DVDD = AVDD = 3.6 V
75
μA
IDD
3.3-V supply current
3.3-V supply voltage
(DVDD, AVDD)
Normal mode
49
68
mA
Reset (RST = low, PDN =
high)
23
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com