Electronic Components Datasheet Search
  English  ▼

X  

TAS5751M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5751M
Description  Digital Input Audio Power Amplifier
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5751M Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5751M Datasheet HTML 6Page - Texas Instruments TAS5751M Datasheet HTML 7Page - Texas Instruments TAS5751M Datasheet HTML 8Page - Texas Instruments TAS5751M Datasheet HTML 9Page - Texas Instruments TAS5751M Datasheet HTML 10Page - Texas Instruments TAS5751M Datasheet HTML 11Page - Texas Instruments TAS5751M Datasheet HTML 12Page - Texas Instruments TAS5751M Datasheet HTML 13Page - Texas Instruments TAS5751M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 2.5W
PO = 5W
2.0 BTL Mode
PVDD = 12V
RL = 8Ω
TA = 25°C
G005
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 2.5W
PO = 5W
2.0 BTL Mode
PVDD = 12V
RL = 6Ω
TA = 25°C
G003
0
5
10
15
20
25
30
35
40
45
8
12
16
20
24
RL = 4
RL = 8
Current Sourcing Limit
EVM Thermal Limit
PVDD (V)
25
30
35
40
45
50
55
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
2.0 BTL Mode
RL = 8Ω
TA = 25°C
G012
t
h1
t
su1
t
(edge)
t
su2
t
h2
SCLK
(Input)
LRCLK
(Input)
SDIN
T0026-04
t
r
t
f
10
TAS5751M
SLASEC1A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5751M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 4. Serial Audio Port Timing
6.11 Typical Characteristics - Stereo BTL Mode
Figure 5. Output Power vs Supply Voltage
Figure 6. Idle Channel Noise vs Supply Voltage
Figure 7. THD+N vs Frequency
Figure 8. THD+N vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com