Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 64 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD7770 Datasheet HTML 60Page - Analog Devices AD7770 Datasheet HTML 61Page - Analog Devices AD7770 Datasheet HTML 62Page - Analog Devices AD7770 Datasheet HTML 63Page - Analog Devices AD7770 Datasheet HTML 64Page - Analog Devices AD7770 Datasheet HTML 65Page - Analog Devices AD7770 Datasheet HTML 66Page - Analog Devices AD7770 Datasheet HTML 67Page - Analog Devices AD7770 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
AD7770
Data Sheet
Rev. A | Page 64 of 94
CHANNEL 4 CONFIGURATION REGISTER
Address: 0x004, Reset: 0x00, Name: CH4_CONFIG
AFE Gain
11: Gain 8.
10: Gain 4.
01: Gain 2.
00: Gain 1.
Channel used as Reference monitor
Channel Meter Mux RX Mode
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] CH4_GAIN (R/W)
[2:0] RESERVED
[5] CH4_REF_MONITOR (R/W)
[3] RESERVED
[4] CH4_RX (R/W)
Table 48. Bit Descriptions for CH4_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
CH4_GAIN
AFE Gain
0x0
R/W
00
Gain = 1
01
Gain = 2
10
Gain = 4
11
Gain = 8
5
CH4_REF_MONITOR
Channel Used as Reference Monitor
0x0
R/W
4
CH4_RX
Channel Meter Mux Rx Mode
0x0
R/W
[3:0]
RESERVED
Reserved
0x0
R/W
CHANNEL 5 CONFIGURATION REGISTER
Address: 0x005, Reset: 0x00, Name: CH5_CONFIG
AFE Gain
11: Gain 8.
10: Gain 4.
01: Gain 2.
00: Gain 1.
Channel used as Reference monitor
Channel Meter Mux RX Mode
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] CH5_GAIN (R/W)
[2:0] RESERVED
[5] CH5_REF_MONITOR (R/W)
[3] RESERVED
[4] CH5_RX (R/W)
Table 49. Bit Descriptions for CH5_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
CH5_GAIN
AFE Gain
0x0
R/W
00
Gain = 1
01
Gain = 2
10
Gain = 4
11
Gain = 8
5
CH5_REF_MONITOR
Channel Used as Reference Monitor
0x0
R/W
4
CH5_RX
Channel Meter Mux Rx Mode
0x0
R/W
[3:0]
RESERVED
Reserved
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com