Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7770 Datasheet HTML 15Page - Analog Devices AD7770 Datasheet HTML 16Page - Analog Devices AD7770 Datasheet HTML 17Page - Analog Devices AD7770 Datasheet HTML 18Page - Analog Devices AD7770 Datasheet HTML 19Page - Analog Devices AD7770 Datasheet HTML 20Page - Analog Devices AD7770 Datasheet HTML 21Page - Analog Devices AD7770 Datasheet HTML 22Page - Analog Devices AD7770 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
Data Sheet
AD7770
Rev. A | Page 19 of 94
0
1
–40
25
105
125
2
3
4
5
6
7
8
TEMPERATURE (°C)
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 20. Noise vs. Temperature at 16 kSPS, High Resolution Mode
0
1
2
3
4
5
6
7
CLOCK FREQUENCY (Hz)
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
TEMPERATURE = 25°C
DECIMATION = 256
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 21. Noise vs. Clock Frequency, High Resolution Mode
0
20
40
60
80
100
120
140
ODR (SPS)
2000
4000
8000
16000
32000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 22. Noise vs. ODR, High Resolution Mode
0
1
–40
25
105
125
2
3
4
5
6
7
8
TEMPERATURE (°C)
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 23. Noise vs. Temperature at 4 kSPS, Low Power Mode
0
1
2
3
4
5
6
7
CLOCK FREQUENCY (Hz)
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
TEMPERATURE = 25°C
DECIMATION = 256
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 24. Noise vs. Clock Frequency, Low Power Mode
0
50
100
150
200
250
300
ODR (SPS)
500
1000
2000
4000
8000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 25. Noise vs. ODR, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com