Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7770 Datasheet HTML 12Page - Analog Devices AD7770 Datasheet HTML 13Page - Analog Devices AD7770 Datasheet HTML 14Page - Analog Devices AD7770 Datasheet HTML 15Page - Analog Devices AD7770 Datasheet HTML 16Page - Analog Devices AD7770 Datasheet HTML 17Page - Analog Devices AD7770 Datasheet HTML 18Page - Analog Devices AD7770 Datasheet HTML 19Page - Analog Devices AD7770 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
AD7770
Data Sheet
Rev. A | Page 16 of 94
Pin No.
Mnemonic
Type
Direction
Description
42
REF2−
Reference
Input
Negative Reference Input 2 for Channel 4 to Channel 7, Typical at AVSSx.
Connect all the REFx− pins to the same potential.
43
AVDD1B
Supply
Supply
Positive Front-End Analog Supply for Channel 4 to Channel 7. Connect this pin
to AVDD1A.
44
AVSS1B
Supply
Supply
Negative Front-End Analog Supply for Channel 4 to Channel 7, typical at −1.65 V
(Dual Supply) or AGND (Single Supply). Connect all the AVSSx pins to the
same potential.
45
AIN5+
Analog input
Input
Analog Input Channel 5, Positive.
46
AIN5−
Analog input
Input
Analog Input Channel 5, Negative.
47
AIN4+
Analog input
Input
Analog Input Channel 4, Positive.
48
AIN4−
Analog input
Input
Analog Input Channel 4, Negative.
49
REF_OUT
Reference
Output
2.5 V Reference Output. Connect a 100 nF capacitor on this pin if using the
internal reference.
50
AVSS2B
Supply
Supply
Negative Analog Supply. Connect all the AVSSx pins to the same potential.
51
AREG2CAP
Supply
Output
Analog LDO Output 2. Decouple this pin to AVSS2B with a 1 µF capacitor.
52
AVDD2B
Supply
Supply
Positive Analog Supply. Connect this pin to AVDD2A.
53
AVSS3
Supply
Supply
Negative Analog Ground. Connect all the AVSSx pins to the same potential.
54
FORMAT1
Digital input
Input
Output Data Frame 1. See Table 13 for more details.
55
FORMAT0
Digital input
Input
Output Data Frame 0. See Table 13 for more details.
56
CLK_SEL
Digital input
Input
Select Clock Source. See Table 12 for more details.
57
VCM
Analog output
Output
Common-Mode Voltage Output, Typical at (AVDD1 + AVSSx)/2.
58
AVDD2A
Supply
Input
Analog Supply from 2.2 V to 3.6 V. AVSS2x must not be lower than AREGxCAP.
Connect this pin to AVDD2B.
59
AREG1CAP
Supply
Output
Analog LDO Output 1. Decouple this pin to AVSSx with a 1 µF capacitor.
60
AVSS2A
Supply
Input
Negative Analog supply. Connect all the AVSSx pins to the same potential.
61
AVSS4
Supply
Supply
Negative SAR Analog Supply and Reference. Connect all AVSSx pins to the same
potential.
62
AVDD4
Supply
Supply
Positive SAR Analog Supply and Reference Source.
63
AUXAIN+
Analog input
Input
Positive SAR Analog Input Channel.
64
AUXAIN−
Analog input
Input
Negative SAR Analog Input Channel.
EPAD
Supply
Input
Exposed Pad. Connect the exposed pad to AVSSx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com