Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7779ACPZ Datasheet HTML 1Page - Analog Devices AD7779ACPZ Datasheet HTML 2Page - Analog Devices AD7779ACPZ Datasheet HTML 3Page - Analog Devices AD7779ACPZ Datasheet HTML 4Page - Analog Devices AD7779ACPZ Datasheet HTML 5Page - Analog Devices AD7779ACPZ Datasheet HTML 6Page - Analog Devices AD7779ACPZ Datasheet HTML 7Page - Analog Devices AD7779ACPZ Datasheet HTML 8Page - Analog Devices AD7779ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 5 of 97
SPECIFICATIONS
AVDD1x = +1.65 V, AVSSx1 = −1.65 V (dual supply operation), AVDD1x = 3.3 V, AVSSx = AGND (single-supply operation), AVDD2x −
AVSSx = 2.2 V to 3.6 V; IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− = 2.5 V AVSSx (internal/external), master clock (MCLK) =
8192 kHz for high resolution mode and 4096 kHz for low power mode, ODR = 16 kHz for high resolution mode and 4 kHz for low power
mode; all specifications at TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG INPUTS
Differential Input Voltage Range
VREF = (REFx+ − REFx−)
±VREF/PGAGAIN
V
Single-Ended Input Voltage Range
0 to VREF/PGAGAIN
V
AINx± Common-Mode Input
Range
AVSSx + 0.10
(AVDD1x +
AVSSx)/2
AVDD1x − 0.10
V
Absolute AINx± Voltage Limits
AVSSx + 0.10
AVDD1x − 0.10
DC Input Current
Single-Ended
HP, MCLK = 8192 kHz
±4
nA
Low power mode, MCLK =
4096 kHz
±1.5
nA
Differential
HP, MCLK = 8192 kHz
±1.5
nA
Low power mode, MCLK =
4096 kHz
±0.6
nA
Input Current Drift
50
pA/°C
AC Input Capacitance
8
pF
PGA
Gain Settings
1, 2, 4, or 8
Bandwidth
Small signal, high resolution
mode
2
MHz
Small signal, low power mode
512
kHz
Large signal, high resolution
mode
5
kHz
Large signal, low power mode
1.5
kHz
REFERENCE
Internal
Initial Accuracy
REF_OUT, TA = 25°C
2.5 − 0.2%
2.5
2.5 + 0.2%
V
Temperature Coefficient
±10
ppm/°C
Reference Load Current, IL
−10
+10
mA
DC Power Supply Rejection
Line regulation
95
dB
Load Regulation, ∆VOUT/∆IL
100
μV/mA
Voltage Noise
eN p-p, 0.1 Hz to 10 Hz
6.8
μV rms
Voltage Noise Density
eN, 1 kHz, 2.5 V reference
273.5
nV/√Hz
Turn On Settling Time
100 nF
1.5
ms
External
Input Voltage
VREF = (REFx+ − REFx−)
1
2.5
AVDD1x
V
Buffer Headroom
AVSSx + 0.1
AVDD1x − 0.1
REFx− Input Voltage
AVSSx
AVDD1x – REFx+
V
Average REFx± Input Current
Current per channel
Reference buffer disabled,
high resolution mode
18
μA/V
Reference buffer precharge
mode (pre-Q), high resolution
mode
600
nA/V
Reference buffer disabled,
low power mode
4.5
μA/V
Reference buffer pre-Q,
low power mode
100
nA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com