Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7779ACPZ Datasheet HTML 1Page - Analog Devices AD7779ACPZ Datasheet HTML 2Page - Analog Devices AD7779ACPZ Datasheet HTML 3Page - Analog Devices AD7779ACPZ Datasheet HTML 4Page - Analog Devices AD7779ACPZ Datasheet HTML 5Page - Analog Devices AD7779ACPZ Datasheet HTML 6Page - Analog Devices AD7779ACPZ Datasheet HTML 7Page - Analog Devices AD7779ACPZ Datasheet HTML 8Page - Analog Devices AD7779ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
8-Channel, 24-Bit,
Simultaneous Sampling ADC
Data Sheet
AD7779
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8-channel, 24-bit simultaneous sampling analog-to-digital
converter (ADC)
Single-ended or true differential inputs
Programmable gain amplifier (PGA) per channel (gains of
1, 2, 4, and 8)
Low dc input current: ±4 nA
Up to 16 kSPS output data rate (ODR) per channel
Programmable ODRs and bandwidth
Sample rate converter (SRC) for coherent sampling
Sampling rate resolution up to 15.2 μSPS
Low latency sinc3 filter path
Adjustable phase synchronization
Internal 2.5 V reference
Two power modes
High resolution mode
Low power mode
Optimizes power dissipation and performance
Low resolution successive approximation (SAR) ADC for
system and chip diagnostics
Power supply
Bipolar (±1.65 V) or unipolar (3.3 V) supplies
Digital input/output (I/O) supply: 1.8 V to 3.6 V
Performance temperature range: –40°C to +105°C
Functional temperature range: –40°C to +125°C
Performance
Combined ac and dc performance
108 dB signal-to-noise ratio (SNR)/dynamic range at 16 kSPS
in high resolution mode
−109 dB total harmonic distortion (THD)
±7 ppm integral nonlinearity (INL)
±40 μV offset error
±0.1% gain error
±10 ppm/°C typical temperature coefficient
APPLICATIONS
Circuit breakers
General-purpose data acquisition
Electroencephalography (EEG)
Industrial process control
GENERAL DESCRIPTION
The AD7779 is an 8-channel, simultaneous sampling ADC. There
are eight full sigma-delta (Σ-Δ) ADCs on chip. The AD7779
provides an ultralow input current to allow direct sensor
connection. Each input channel has a programmable gain stage
allowing gains of 1, 2, 4, and 8 to map lower amplitude sensor
outputs into the full-scale ADC input range, maximizing the
dynamic range of the signal chain. The AD7779 accepts VREF
from 1 V up to 3.6 V. The analog inputs accept unipolar (0 V to
VREF) or true bipolar (±VREF/2 V) analog input signals with 3.3 V
or ±1.65 V analog supply voltages, respectively. The analog inputs
can be configured to accept true differential or single-ended
signals to match different sensor output configurations.
Each channel contains an ADC modulator and a sinc3, low latency
digital filter. An SRC is provided to allow fine resolution control
over the AD7779 ODR. This control can be used in applications
where the ODR resolution is required to maintain coherency with
0.01 Hz changes in the line frequency. The SRC is programmable
through the serial port interface (SPI). The AD7779 implements
two different interfaces: a data output interface and SPI control
interface. The ADC data output interface is dedicated to trans-
mitting the ADC conversion results from the AD7779 to the
processor. The SPI interface is used to write to and read from
the AD7779 configuration registers and for the control and
reading of data from the SAR ADC. The SPI interface can also
be configured to output the Σ-Δ conversion data.
The AD7779 includes a 12-bit SAR ADC. This ADC can be used
for AD7779 diagnostics without having to decommission one of
the Σ-Δ ADC channels dedicated to system measurement func-
tions. With the use of an external multiplexer, which can be
controlled through the three general-purpose inputs/outputs pins
(GPIOs), and signal conditioning, the SAR ADC can be used to
validate the Σ-Δ ADC measurements in applications where
functional safety is required. In addition, the AD7779 SAR ADC
includes as an internal multiplexer to sense internal nodes.
The AD7779 contains a 2.5 V reference and reference buffer. The
reference has a typical temperature coefficient of 10 ppm/°C.
The AD7779 offers two modes of operation: high resolution
mode and low power mode. High resolution mode provides a
higher dynamic range while consuming 10.75 mW per channel;
low power mode consumes just 3.37 mW per channel at a
reduced dynamic range specification.
The specified operating temperature range is −40°C to +105°C,
although the device is operational up to +125°C.
Note that throughout this data sheet, certain terms are used to
refer to either the multifunction pins or a range of pins. The multi-
function pins, such as DCLK0/SDO, are referred to either by the
entire pin name or by a single function of the pin, for example,
DCLK0, when only that function is relevant. In the case of ranges
of pins, AVSSx refers to the following pins: AVSS1A, AVSS1B,
AVSS2A, AVSS2B, AVSS3, and AVSS4.


Similar Part No. - AD7779ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7779ACPZ AD-AD7779ACPZ Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
AD7779ACPZ-RL AD-AD7779ACPZ-RL Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
More results

Similar Description - AD7779ACPZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7770 AD-AD7770 Datasheet
1Mb / 94P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. A
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. C
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
23-Feb-2017
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com