Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 65Page - Analog Devices AD7779ACPZ Datasheet HTML 66Page - Analog Devices AD7779ACPZ Datasheet HTML 67Page - Analog Devices AD7779ACPZ Datasheet HTML 68Page - Analog Devices AD7779ACPZ Datasheet HTML 69Page - Analog Devices AD7779ACPZ Datasheet HTML 70Page - Analog Devices AD7779ACPZ Datasheet HTML 71Page - Analog Devices AD7779ACPZ Datasheet HTML 72Page - Analog Devices AD7779ACPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 69 of 97
GENERAL USER CONFIGURATION 3 REGISTER
Address: 0x013, Reset: 0x80, Name: GENERAL_USER_CONFIG_3
Dis able deglitching of CONVST pin
11: No deglitch circuit.
10: CONVST_SAR Deglitch 1.5 MCLK.
01: Res erved.
00: Res erved.
Dis ables the clock qualifier check
if the user requires to us e an MCLK
s ignal < 265kHz.
Enable to SPI s lave m ode to read
back ADC on SDO
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
1
[7:6] CONVST_DEGLITCH_DIS (R/W)
[0] CLK_QUAL_DIS (R/W)
[5] RESERVED
[1] RESERVED
[4] SPI_SLAVE_MODE_EN (R/W)
[3:2] RESERVED
Table 63. Bit descriptions for GENERAL_USER_CONFIG_3
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
CONVST_DEGLITCH_DIS
Disable deglitching of CONVST_SAR pin
0x2
R/W
00
Reserved.
01
Reserved.
10
CONVST_SAR Deglitch 1.5 MCLK.
11
No deglitch circuit.
5
RESERVED
Reserved.
0x0
R/W
4
SPI_SLAVE_MODE_EN
Enable to SPI slave mode to read back ADC on SDO
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R/W
1
RESERVED
Reserved.
0x0
R/W
0
CLK_QUAL_DIS
Disables the clock qualifier check if the user requires to use an MCLK
signal <265 kHz.
0x0
R/W
DATA OUTPUT FORMAT REGISTER
Address: 0x014, Reset: 0x20, Name: DOUT_FORMAT
Data out format
11: 1 DOUT Lines.
10: 1 DOUT Lines.
01: 2 DOUT Lines.
00: 4 DOUT Lines.
Dout header format
1: CRC Header.
0: Status Header.
Divide MCLK
111: Divide by 128.
110: Divide by 64.
101: Divide by 32.
100: Divide by 16.
011: Divide by 8.
010: Divide by 4.
001: Divide by 2.
000: Divide by 1.
0
0
1
0
2
0
3
0
4
0
5
1
6
0
7
0
[7:6] DOUT_FORMAT (R/W)
[0] RESERVED
[5] DOUT_HEADER_FORMAT (R/W)
[3:1] DCLK_CLK_DIV (R/W)
[4] RESERVED
Table 64. Bit Descriptions for DOUT_FORMAT
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
DOUT_FORMAT
Data Out Format.
0x0
R/W
00
4 DOUT lines
01
2 DOUT lines
10
1 DOUT lines
11
1 DOUT lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com