Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 18Page - Analog Devices AD7779ACPZ Datasheet HTML 19Page - Analog Devices AD7779ACPZ Datasheet HTML 20Page - Analog Devices AD7779ACPZ Datasheet HTML 21Page - Analog Devices AD7779ACPZ Datasheet HTML 22Page - Analog Devices AD7779ACPZ Datasheet HTML 23Page - Analog Devices AD7779ACPZ Datasheet HTML 24Page - Analog Devices AD7779ACPZ Datasheet HTML 25Page - Analog Devices AD7779ACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 22 of 97
85
90
95
100
105
110
115
120
125
1248
16
ODR (kHz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF =2.5V
VIN =0dBFS
TEMPERATURE = 25°C
Figure 38. SNR vs. ODR at 8 kSPS, High Resolution Mode
(AVDDx = 3.6 V, AVSS = 1.8 V, IOVDD = 3.6 V)
60
70
80
90
100
110
120
PGA GAIN
8000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 39. Dynamic Range vs. PGA Gain, High Resolution Mode, ODR = 8 kSPS
–60
–50
–40
–30
–20
–10
0
12
48
PGA GAIN
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
AVDD1x = 3.3V
VREF =2.5V
TEMPERATURE = 25°C
VIN =0V
Figure 40. Offset Error vs. PGA Gain, High Resolution Mode, AVDD1x = 3.3 V
85
90
95
100
105
110
115
120
125
0.5
1248
ODR (kHz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF =2.5V
TEMPERATURE = 25°C
INPUT VOLTAGE = 5V p-p
INPUT FREQUENCY = 50Hz
VIN = 0dBFS
Figure 41. SNR vs. ODR at 2 kSPS, Low Power Mode
(AVDDx = 3.6 V, AVSS = 1.8 V, IOVDD = 3.6 V)
60
70
80
90
100
110
120
PGA GAIN
2000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 42. Dynamic Range vs. PGA Gain, Low Power Mode, ODR = 2 kSPS
–70
–60
–50
–40
–30
–20
–10
0
12
48
PGA GAIN
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
VREF =2.5V
TEMPERATURE = 25°C
VIN =0V
AVDD1x = 3.3V
Figure 43. Offset Error vs. PGA Gain, Low Power Mode, AVDD1x = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com