Electronic Components Datasheet Search
  English  ▼

X  

AD7779ACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 19Page - Analog Devices AD7779ACPZ Datasheet HTML 20Page - Analog Devices AD7779ACPZ Datasheet HTML 21Page - Analog Devices AD7779ACPZ Datasheet HTML 22Page - Analog Devices AD7779ACPZ Datasheet HTML 23Page - Analog Devices AD7779ACPZ Datasheet HTML 24Page - Analog Devices AD7779ACPZ Datasheet HTML 25Page - Analog Devices AD7779ACPZ Datasheet HTML 26Page - Analog Devices AD7779ACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 23 of 97
–40
–35
–30
–25
–20
–15
–10
–5
0
3.0
3.3
3.6
SUPPLY SETTING
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF =2.5V
VIN =0V
TEMPERATURE = 25°C
Figure 44. Offset Error vs. Supply Setting, High Resolution Mode
TEMPERATURE (°C)
–40
–30
–20
–10
0
10
20
30
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
AVDD1x = 3.3V
Figure 45. Offset Drift vs. Temperature, AVDD1x = 3.3 V
–0.043
–0.035
–0.026
–0.017
–0.008
0
0.008
0.017
3.0
3.3
3.6
AVDD1x SUPPLY (V)
TEMPERATURE = 25°C
GAIN = 1
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
Figure 46. Gain Error vs. AVDD1x Supply, High Resolution Mode
–40
–35
–45
–30
–25
–20
–15
–10
–5
0
3.0
3.3
3.6
SUPPLY SETTING
TEMPERATURE = 25°C
VIN = 0V
VREF = 2.5V
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 47. Offset Error vs. Supply Setting, Low Power Mode
–15
–10
–5
0
5
10
15
20
25
30
35
0
500
1000
TIME (Hours)
Figure 48. Gain Error Drift vs. Time
3.0
3.3
3.6
AVDD1x SUPPLY (V)
TEMPERATURE = 25°C
GAIN = 1
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
–0.043
–0.035
–0.026
–0.017
–0.008
0
0.008
0.017
Figure 49. Gain Error vs. AVDD1x Supply, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com