Electronic Components Datasheet Search
  English  ▼

X  

ADuM1241ARSZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADuM1241ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1241ARSZ Datasheet(HTML) 4 Page - Analog Devices

  ADuM1241ARSZ Datasheet HTML 1Page - Analog Devices ADuM1241ARSZ Datasheet HTML 2Page - Analog Devices ADuM1241ARSZ Datasheet HTML 3Page - Analog Devices ADuM1241ARSZ Datasheet HTML 4Page - Analog Devices ADuM1241ARSZ Datasheet HTML 5Page - Analog Devices ADuM1241ARSZ Datasheet HTML 6Page - Analog Devices ADuM1241ARSZ Datasheet HTML 7Page - Analog Devices ADuM1241ARSZ Datasheet HTML 8Page - Analog Devices ADuM1241ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Data Sheet
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Dynamic Supply Current
Input
IDDI (D)
88
µA/Mbps
Output
IDDO (D)
60
µA/Mbps
AC SPECIFICATIONS
Output Rise Time/Fall Time
tR/tF
2
ns
10% to 90%
Common-Mode Transient Immunity2
|CM|
25
40
kV/µs
VIx = VDDx1, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
14
kbps
1
VDDx = VDD1 or VDD2.
2 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VOUT > 0.8 VDDx. The common-mode voltage slew rates apply to both rising and
falling common-mode voltage edges.
ELECTRICAL CHARACTERISTICS—2.5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 2.5 V. Minimum and maximum specifications apply over the entire
recommended operation range of 2.25 V ≤ VDD1 ≤ 2.75 V, 2.25 V ≤ VDD2 ≤ 2.75 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
2
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
112
180
ns
50% input to 50% output
Change vs. Temperature
280
ps/°C
Pulse Width Distortion
PWD
12
ns
|tPLH − tPHL|
Minimum Pulse Width
PW
500
ns
Within PWD limit
Propagation Delay Skew1
tPSK
10
ns
Channel Matching
Codirectional
tPSKCD
10
ns
Opposing Direction
tPSKOD
30
ns
1 tPSK is the magnitude of the worst case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the
recommended operating conditions.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
2 Mbps, no load
ADuM1240/ADuM1245
IDD1
312
400
µA
IDD2
168
250
µA
ADuM1241/ADuM1246
IDD1
240
375
µA
IDD2
240
375
µA
Rev. A | Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com