Electronic Components Datasheet Search
  English  ▼

X  

ADuM1241ARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM1241ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1241ARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM1241ARSZ Datasheet HTML 3Page - Analog Devices ADuM1241ARSZ Datasheet HTML 4Page - Analog Devices ADuM1241ARSZ Datasheet HTML 5Page - Analog Devices ADuM1241ARSZ Datasheet HTML 6Page - Analog Devices ADuM1241ARSZ Datasheet HTML 7Page - Analog Devices ADuM1241ARSZ Datasheet HTML 8Page - Analog Devices ADuM1241ARSZ Datasheet HTML 9Page - Analog Devices ADuM1241ARSZ Datasheet HTML 10Page - Analog Devices ADuM1241ARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Table 10.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
2 Mbps, no load
ADuM1240/ADuM1245
IDD1
306
500
µA
IDD2
248
375
µA
ADuM1241/ADuM1246
IDD1
240
375
µA
IDD2
306
450
µA
PACKAGE CHARACTERISTICS
Table 11.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Ω
Capacitance (Input to Output)1
CI-O
2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction to Ambient Thermal Resistance
θJA
85
°C/W
Thermocouple located at center of package underside
1
The device is considered a 2-terminal device: Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
Approvals of the ADuM1240/ADuM1241/ADuM1245/ADuM1246 by the organizations listed in Table 12 are pending. See Table 18 and
the Absolute Maximum Ratings section for recommended maximum working voltages for specific cross isolation waveforms and
insulation levels.
Table 12.
UL (Pending)
CSA (Pending)
VDE (Pending)
Recognized under 1577 component
recognition program1
Approved under CSA Component Acceptance Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10): 2006-122
Single protection, 8-lead SOIC package,
3000 V rms isolation voltage
8-lead SOIC package, basic insulation per CSA 60950-1-03
and IEC 60950-1, 400 V rms (565 V peak) maximum working
voltage
8-lead SOIC package, reinforced
insulation, 560 VPEAK
Single protection, 20-lead SSOP package,
3750 V rms isolation voltage
20-lead SSOP package, basic insulation per CSA 60950-1-03
and IEC 60950-1, 530 V rms (700 V peak) maximum working
voltage
20-lead SSOP package, reinforced
insulation, 849 VPEAK
20-lead SSOP package, reinforced insulation per CSA
60950-1-03 and IEC 60950-1, 265 V rms (374 V peak)
maximum working voltage
File E214100
File 205078
File 2471900-4880-0001
1
In accordance with UL1577, each ADuM1240/ADuM1241/ADuM1245/ADuM1246 is proof tested by applying an insulation test voltage ≥3000 V rms for 1 second
(current leakage detection limit = 5 µA).
2
In accordance with DIN V VDE V 0884-10, each ADuM1240/ADuM1241/ADuM1245/ADuM1246 is proof tested by applying an insulation test voltage ≥1050 V peak for
1 second (partial discharge detection limit = 5 pC). The asterisk (*) marked on the component designates DIN V VDE V 0884-10 approval.
Rev. A | Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com