Electronic Components Datasheet Search
  English  ▼

X  

ADuM1241ARSZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM1241ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1241ARSZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM1241ARSZ Datasheet HTML 1Page - Analog Devices ADuM1241ARSZ Datasheet HTML 2Page - Analog Devices ADuM1241ARSZ Datasheet HTML 3Page - Analog Devices ADuM1241ARSZ Datasheet HTML 4Page - Analog Devices ADuM1241ARSZ Datasheet HTML 5Page - Analog Devices ADuM1241ARSZ Datasheet HTML 6Page - Analog Devices ADuM1241ARSZ Datasheet HTML 7Page - Analog Devices ADuM1241ARSZ Datasheet HTML 8Page - Analog Devices ADuM1241ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—3.3 V Operation ............................ 3
Electrical Characteristics—2.5 V Operation ............................ 4
Electrical Characteristics—VDD1 = 3.3 V, VDD2 = 2.5 V
Operation....................................................................................... 6
Electrical Characteristics—VDD1 = 2.5 V, VDD2 = 3.3 V
Operation....................................................................................... 6
Package Characteristics ............................................................... 7
Regulatory Information............................................................... 7
Insulation and Safety Related Specifications ............................ 8
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Insulation Characteristics............................................................ 8
Recommended Operating Conditions ...................................... 9
Absolute Maximum Ratings ..................................................... 10
Continuous Working Voltage ................................................... 10
ESD Caution................................................................................ 10
Pin Configurations and Function Descriptions......................... 11
Truth Tables................................................................................. 13
Typical Performance Characteristics ........................................... 14
Applications Information .............................................................. 17
PCB Layout ................................................................................. 17
Propagation Delay Related Parameters ................................... 17
DC Correctness and Low Power Operation........................... 17
Magnetic Field Immunity ......................................................... 18
Power Consumption .................................................................. 19
Insulation Lifetime..................................................................... 19
Packaging and Ordering Information ......................................... 20
Outline Dimensions................................................................... 20
Ordering Guide .......................................................................... 21
REVISION HISTORY
3/14—Rev. 0 to Rev. A
Added 8-lead SOIC Package .............................................Universal
Changes to Features Section, General Description Section, and
Figure 3 .............................................................................................. 1
Deleted Product Highlights Section............................................... 1
Added Figure 2; Renumbered Sequentially .................................. 1
Changes to Table 12.......................................................................... 7
Changes to Table 13.......................................................................... 8
Added Table 14; Renumbered Sequentially .................................. 8
Changed Case Temperature to Ambient Temperature,
Figure 4 Caption ............................................................................... 9
Added Figure 5................................................................................ 11
Changes to Table 19 ....................................................................... 11
Added Figure 7 ............................................................................... 12
Changes to Table 20 ....................................................................... 12
Changes to Table 22 and Table 23....................................................... 13
Changes to PCB Layout Section............................................................. 17
Added Figure 28......................................................................................... 17
Changes to Recommended Input Voltage for Low Power
Operation Section........................................................................... 18
Added Figure 35, Outline Dimensions........................................ 20
Changes to Ordering Guide.......................................................... 21
12/13—Revision 0: Initial Version
Rev. A | Page 2 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com