Electronic Components Datasheet Search
  English  ▼

X  

ADuM1241ARSZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADuM1241ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1241ARSZ Datasheet(HTML) 3 Page - Analog Devices

  ADuM1241ARSZ Datasheet HTML 1Page - Analog Devices ADuM1241ARSZ Datasheet HTML 2Page - Analog Devices ADuM1241ARSZ Datasheet HTML 3Page - Analog Devices ADuM1241ARSZ Datasheet HTML 4Page - Analog Devices ADuM1241ARSZ Datasheet HTML 5Page - Analog Devices ADuM1241ARSZ Datasheet HTML 6Page - Analog Devices ADuM1241ARSZ Datasheet HTML 7Page - Analog Devices ADuM1241ARSZ Datasheet HTML 8Page - Analog Devices ADuM1241ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADuM1240/ADuM1241/ADuM1245/ADuM1246
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V. Minimum and maximum specifications apply over the entire
recommended operation range of 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching
specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
2
Mbps
Within pulse width distortion (PWD) limit
Propagation Delay
tPHL, tPLH
80
180
ns
50% input to 50% output
Change vs. Temperature
200
ps/°C
Minimum Pulse Width
PW
500
ns
Within PWD limit
Pulse Width Distortion
PWD
8
ns
|tPLH − tPHL|
Propagation Delay Skew1
tPSK
10
ns
Channel Matching
Codirectional
tPSKCD
10
ns
Opposing Direction
tPSKOD
15
ns
1 tPSK is the magnitude of the worst case difference in tPHL and tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the
recommended operating conditions.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
2 Mbps, no load
ADuM1240/ADuM1245
IDD1
366
600
µA
IDD2
246
375
µA
ADuM1241/ADuM1246
IDD1
306
450
µA
IDD2
306
450
µA
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 VDDx1
V
Logic Low
VIL
0.3 VDDx1
V
Output Voltages
Logic High
VOH
VDDx1 − 0.1
3.3
V
IOUTx = −20 µA, VIx = VIxH
VDDx1 − 0.4
3.1
V
IOUTx = −4 mA, VIx = VIxH
Logic Low
VOL
0.0
0.1
V
IOUTx = 20 µA, VIx = VIxL
0.2
0.4
V
IOUTx = 4 mA, VIx = VIxL
Input Current per Channel
II
−1
+0.01
+1
µA
0 V ≤ VIx ≤ VDDx1
Input Switching Thresholds
Positive Threshold Voltage
VT+
1.8
V
Negative Going Threshold
VT−
1.2
V
Input Hysteresis
ΔVT
0.6
V
Undervoltage Lockout, VDD1 or VDD2
UVLO
1.5
V
Supply Current per Channel
Quiescent Current
Input Supply
IDDI (Q)
4.8
10
µA
ENX low
Output Supply
IDDO (Q)
0.8
6
µA
ENX low
Input (Refresh Off)
IDDI (Q)
0.12
µA
ENX high
Output (Refresh Off)
IDDO (Q)
0.13
µA
ENX high
Rev. A | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com