Electronic Components Datasheet Search
  English  ▼

X  

ADuM1241ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuM1241ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1241ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuM1241ARSZ Datasheet HTML 12Page - Analog Devices ADuM1241ARSZ Datasheet HTML 13Page - Analog Devices ADuM1241ARSZ Datasheet HTML 14Page - Analog Devices ADuM1241ARSZ Datasheet HTML 15Page - Analog Devices ADuM1241ARSZ Datasheet HTML 16Page - Analog Devices ADuM1241ARSZ Datasheet HTML 17Page - Analog Devices ADuM1241ARSZ Datasheet HTML 18Page - Analog Devices ADuM1241ARSZ Datasheet HTML 19Page - Analog Devices ADuM1241ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Data Sheet
Figure 21. Typical Input and Output Supply Current per Channel vs.
Temperature for VDDX = 2.5 V, Data Rate = 1000 kbps
Figure 22. Typical Input and Output Supply Current per Channel vs.
Temperature for VDDX = 3.3 V, Data Rate = 1000 kbps
Figure 23. Typical Propagation Delay vs. Temperature for
VDDx = 3.3 V or VDDx = 2.5 V
Figure 24. Typical Glitch Filter Operation Threshold
Figure 25. Typical Refresh Period vs. Temperature for
3.3 V and 2.5 V Operation
Figure 26. Typical Refresh Period vs. VDDx Voltage
0
10
20
30
40
50
60
70
80
90
100
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
OUTPUT
INPUT
0
10
20
30
40
50
60
70
80
90
100
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
OUTPUT
INPUT
0
20
40
60
80
100
120
140
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDDx = 2.5V
VDDx = 3.3V
0
20
40
60
80
100
120
2.0
2.5
3.0
3.5
4.0
TRANSMITTER VDDx (V)
0
20
40
60
80
100
120
140
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDDx = 2.5V
VDDx = 3.3V
0
20
40
60
80
100
120
2.0
2.5
3.0
3.5
4.0
VDDx VOLTAGE (V)
Rev. A | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com