Electronic Components Datasheet Search
  English  ▼

X  

ADG820 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG820
Description  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG820 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG820 Datasheet HTML 3Page - Analog Devices ADG820 Datasheet HTML 4Page - Analog Devices ADG820 Datasheet HTML 5Page - Analog Devices ADG820 Datasheet HTML 6Page - Analog Devices ADG820 Datasheet HTML 7Page - Analog Devices ADG820 Datasheet HTML 8Page - Analog Devices ADG820 Datasheet HTML 9Page - Analog Devices ADG820 Datasheet HTML 10Page - Analog Devices ADG820 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADG819/ADG820
–7–
VS – V
250
0
3.0
150
0
–100
–150
–200
VDD = 3V
1.0
2.0
4.0
5.0
TA = 25 C
200
100
50
–50
2.5
0.5
1.5
3.5
4.5
VDD = 5V
TPC 7. Charge Injection vs. Source Voltage
FREQUENCY – MHz
0
0.1
–20
–50
–70
–80
–90
2
–10
–30
–40
–60
1
VDD = 5V, 3V
TA = 25 C
TPC 8. OFF Isolation vs. Frequency
FREQUENCY – MHz
0
0.1
–20
–50
–70
–80
–90
2
–10
–30
–40
–60
1
TPC 9. Crosstalk vs. Frequency
FREQUENCY – MHz
0
0.2
–2
–5
–6
10
–1
–3
–4
1
1
30
VDD = 3V, 5V
TA = 25 C
TPC 10. ON Response vs. Frequency
VDD – V
1.6
0
1.2
0.6
0.4
2
1.4
1.0
0.8
1
1.8
3
TA = 25 C
0.2
0
456
RISING
FALLING
TPC 11. Logic Threshold vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com