Electronic Components Datasheet Search
  English  ▼

X  

ADG820 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG820
Description  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG820 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG820 Datasheet HTML 4Page - Analog Devices ADG820 Datasheet HTML 5Page - Analog Devices ADG820 Datasheet HTML 6Page - Analog Devices ADG820 Datasheet HTML 7Page - Analog Devices ADG820 Datasheet HTML 8Page - Analog Devices ADG820 Datasheet HTML 9Page - Analog Devices ADG820 Datasheet HTML 10Page - Analog Devices ADG820 Datasheet HTML 11Page - Analog Devices ADG820 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
ADG819/ADG820
–8–
Test Circuits
SD
V1
VS
RON = V1 / IOS
IDS
Test Circuit 1. ON Resistance
S
D
VS
VD
ID (OFF)
IS (OFF)
Test Circuit 2. OFF Leakage
S
D
VD
ID (ON)
NC
NC = NO CONNECT
Test Circuit 3. ON Leakage
VS
RL
50
CL
35pF
IN
GND
VDD
VDD
0.1 F
VOUT
VIN
50%
90%
90%
tON
tOFF
50%
Test Circuit 4. Switching Times
VS2
RL
50
CL
35pF
VOUT
IN
GND
VDD
VDD
0.1 F
S2
S1
VS1
VIN
VOUT
VIN
0V
0V
50%
90%
90%
tBBM
tBBM
50%
D
Test Circuit 5. Break-Before-Make Time Delay, tBBM (ADG819 Only)
RL2
300
CL2
35pF
VS2
IN
GND
VDD
VDD
0.1 F
VD
RL1
300
CL1
35pF
VS1
VIN
VIN
0V
50%
90%
80% VD
80% VD
50%
VS1
VS2
tMBB
Test Circuit 6. Make-Before-Break Time Delay, tMBB (ADG820 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com