Electronic Components Datasheet Search
  English  ▼

X  

ADG820 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG820
Description  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG820 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG820 Datasheet HTML 4Page - Analog Devices ADG820 Datasheet HTML 5Page - Analog Devices ADG820 Datasheet HTML 6Page - Analog Devices ADG820 Datasheet HTML 7Page - Analog Devices ADG820 Datasheet HTML 8Page - Analog Devices ADG820 Datasheet HTML 9Page - Analog Devices ADG820 Datasheet HTML 10Page - Analog Devices ADG820 Datasheet HTML 11Page - Analog Devices ADG820 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADG819/ADG820
–9–
VS
CL
1nF
IN
GND
VDD
VDD
VOUT
SW OFF
SW OFF
SW OFF
SW OFF
SW ON
SW ON
QINJ = CL
VOUT
VOUT
VIN
VIN
RS
VOUT
Test Circuit 7. Charge Injection
IN
GND
VDD
VDD
0.1 F
50
VIN
S
D
NETWORK
ANALYZER
VOUT
RL
50
VS
50
OFF ISOLATION = 20 LOG
VOUT
VS
Test Circuit 8. OFF Isolation
IN
GND
VDD
VDD
0.1 F
VIN
S
D
NETWORK
ANALYZER
VOUT
RL
50
VS
50
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Test Circuit 9. Bandwidth
GND
VDD
0.1 F
S2
S1
D
IN
NETWORK
ANALYZER
VOUT
RL
50
VS
R
50
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
VOUT
VS
VDD
50
Test Circuit 10. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com