Electronic Components Datasheet Search
  English  ▼

X  

ADG820 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG820
Description  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG820 Datasheet(HTML) 4 Page - Analog Devices

  ADG820 Datasheet HTML 1Page - Analog Devices ADG820 Datasheet HTML 2Page - Analog Devices ADG820 Datasheet HTML 3Page - Analog Devices ADG820 Datasheet HTML 4Page - Analog Devices ADG820 Datasheet HTML 5Page - Analog Devices ADG820 Datasheet HTML 6Page - Analog Devices ADG820 Datasheet HTML 7Page - Analog Devices ADG820 Datasheet HTML 8Page - Analog Devices ADG820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
ADG819/ADG820
–4–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Inputs
2 . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
. . . . . . . . . . . . . . . . . . . . . . . 30 mA, Whichever Occurs First
Digital Inputs
2 . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
. . . . . . . . . . . . . . . . . . . . . . . 30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . 400 mA
. . . . . . . . . . . . . . . .(Pulsed at 1 ms, 10% Duty Cycle Max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . 200 mA
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Automotive . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
µSOIC Package
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . .
206
°C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44
°C/W
SOT-23 Package (4-Layer Board)
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . .
119
°C/W
MicroCSP Package
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . .
TBD
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . 235
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table I. Truth Table for the ADG819/ADG820
IN
Switch S1
Switch S2
0
ON
OFF
1
OFF
ON
PIN CONFIGURATIONS
6-Lead SOT-23
(RT-6)
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
IN
S2
ADG819/
ADG820
VDD
GND
D
S1
8-Lead
µSOIC
(RM-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
D
S2
ADG819/
ADG820
S1
VDD
GND
NC
IN
NC
2
3 MicroCSP
S2
IN
S1
VDD
D
GND
ADG819 ONLY
TOP VIEW
(BUMPS AT THE BOTTOM)
NOT TO SCALE
1
2
3
6
5
4
ORDERING GUIDE
Model Option
Temperature Range
Brand
1
Package Description
Package
ADG819BRM
–40
°C to +125°C
SNB
µSOIC (MicroSmall Outline IC)
RM-8
ADG819BRT
–40
°C to +125°C
SNB
SOT-23 (Plastic Surface-Mount)
RT-6
2
ADG819BCB
–40
°C to +85°C
SNB
MicroCSP (Micro Chip Scale Package)
CB-62
ADG820BRM
–40
°C to +125°C
SPB
µSOIC (MicroSmall Outline IC)
RM-8
ADG820BRT
–40
°C to +125°C
SPB
SOT-23 (Plastic Surface-Mount)
RT-6
2
NOTES
1Branding on these packages is limited to three characters due to space constraints.
2Contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com