| Electronic Components Datasheet Search |
|
TAS3103DBT Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3103DBT Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 146 page ![]() 2−15 SCLKIN OSC PLL and Clock Management I2C_SDA Digital Audio Processor (DAP) MCLKO PLL1 PLL0 SCLKOUT1 LRCLK MICROCLK_DIV SCLKOUT2 I2C_SCL 8-Bit WARP 8051 Microprocessor 1/2N 1/(M+1) I2C Master/Slave Controller ÷10 Master SCL MCLKI XTALI XTALO M U X ÷Y = 64DEFAULT M U X M U X ÷2 ÷2 M U X MCLK PLL (x11) M U X ÷2 ÷2 M U X ÷4 M U X Input SAP Microprocessor and I2C Bus Controller Output SAP N = 1 (I2C Slave Default) = 2 (I2C Master Default) I2CM_S ÷ X = 1DEFAULT ÷ Z = 2DEFAULT Oversample Clock Figure 2−14. DPLL and Clock Management Block Diagram When the SAP is in the master mode, the serial audio port (SAP) uses the MCLKI/XTALI master clock to drive the serial port clocks SCLKOUT1, SLCKOUT2, and LRCLK. When the SAP is in the slave mode, LRCLK is an input and SCLKOUT2 and SCLKOUT1 are derived from SCLKIN. As shown in Figure 2−14, SCLKOUT1 clocks data into the input SAP and SCLKOUT2 clocks data from the output SAP. Two distinct clocks are required to support TDM to discrete and discrete to TDM data format conversions. Such format conversions also require that SCLKIN be the higher valued bit clock frequency. For TDM in/discrete out format conversions, SCLKIN must be equal to the input bit clock. For discrete in/TDM out format conversions, SCLKIN must be equal to the output bit clock. The frequency settings for SCLKOUT1, SCLKOUT2, and LRCLK in the SAP master mode, as well as the SAP master/slave mode selection, are all controlled by I2C commands. Table 2−2 lists the default settings at power turn on or after a received reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |