| Electronic Components Datasheet Search |
|
TAS3103DBT Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3103DBT Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 146 page ![]() 3−1 3 Firmware Architecture 3.1 I2C Coefficient Number Formats The firmware for the TAS3103 is housed in ROM resources within the TAS3103 and cannot be altered. However, mixer gain, level offset, and filter tap coefficients, which can be entered via the I2C bus interface, provide a user with the flexibility to set the TAS3103 to a configuration that achieves the system level goals. The firmware is executed in a 48-bit signed fixed-point arithmetic machine. The most significant bit of the 48-bit data path is a sign bit, and the 47 lower bits are data bits. Mixer gain operations are implemented by multiplying a 48-bit signed data value by a 28-bit signed gain coefficient. The 76-bit signed output product is then truncated to a signed 48-bit number. Level offset operations are implemented by adding a 48-bit signed offset coefficient to a 48-bit signed data value. In most cases, if the addition results in overflowing the 48-bit signed number format, saturation logic is used. This means that if the summation results in a positive number that is greater than 0x7FFF_FFFF_FFFF (the spaces are used to ease the reading of the hexadecimal number), the number is set to 0x7FFF_FFFF_FFFF. If the summation results in a negative number that is less than 0x8000_0000_0000 0000, the number is set to 0x8000_0000_0000 0000. There are exceptions to the use of saturation logic for summations that overflow—see the section Digital Audio Processor (DAP) Arithmetic Unit. 3.1.1 28-Bit 5.23 Number Format All mixer gain coefficients are 28-bit coefficients using a 5.23 number format. Numbers formatted as 5.23 numbers means that there are 5 bits to the left of the decimal point and 23 bits to the right of the decimal point. This is shown in the Figure 3−1. 2−23 Bit S_xxxx.xxxx_xxxx_xxxx_xxxx_xxx 2−4 Bit 2−1 Bit 20 Bit Sign Bit 23 Bit Figure 3−1. 5.23 Format The decimal value of a 5.23 format number can be found by following the weighting shown in Figure 3−2. If the most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct number. If the most significant bit is a logic 1, then the number is a negative number. In this case every bit must be inverted, a 1 added to the result, and then the weighting shown in Figure 3−2 applied to obtain the magnitude of the negative number. (1 or 0) x 23 + (1 or 0) x 22 + … + (1 or 0) x 20 + (1 or 0) x 2−1 + … + (1 or 0) x 2−4 + … + (1 or 0) x 2−23 23 Bit 22 Bit 20 Bit 2−1 Bit 2−4 Bit 2−23 Bit Figure 3−2. Conversion Weighting Factors—5.23 Format to Floating Point |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |