Electronic Components Datasheet Search
  English  ▼

X  

TAS3103DBT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 47Page - Texas Instruments TAS3103DBT Datasheet HTML 48Page - Texas Instruments TAS3103DBT Datasheet HTML 49Page - Texas Instruments TAS3103DBT Datasheet HTML 50Page - Texas Instruments TAS3103DBT Datasheet HTML 51Page - Texas Instruments TAS3103DBT Datasheet HTML 52Page - Texas Instruments TAS3103DBT Datasheet HTML 53Page - Texas Instruments TAS3103DBT Datasheet HTML 54Page - Texas Instruments TAS3103DBT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 146 page
background image
2−19
Table 2−3. I2C EEPROM Data
DATA TYPE
EEPROM BYTE
ADDRESSES
SUBADDRESS(es)
Starting I2C check word—must match ending check word
0x000−0x003
0x00
Input mixers—set 1
0x004−0x0CF
0x01−0x33
Effects block biquads
0x0D0−0x2AF
0x34−0x4B
Reverb block mixers
0x2B0−0x2C7
0x4C−0x4E
CH1 biquads
0x2C8−0x3B7
0x4F−0x5A
CH2 biquads
0x3B8−0x4A7
0x5B−0x66
CH3 biquads
0x4A8−0x597
0x67−0x72
Bass and treble inline/bypass mixers
0x590−0x5AF
0x73−0x75
DRC mixers
0x5B0−0x5DF
0x76−0x7E
Dither input mixers
0x5E0−0x5EB
0x7F−0x81
Valid data
CH3 (sub-woofer) to CH 1/2 (L/R) mixers
0x5EC−0x5F3
0x82−0x83
Valid data
Spectrum analyzer/VU meter mixers
0x5F4−0x60B
0x84−0x89
Output mixers
0x60C−0x66B
0x8A−0xA1
CH1 loudness parameters
0x66C−0x697
0xA2−0xA6
CH2 loudness parameters
0x698−0x6C3
0xA7−0xAB
CH3 loudness parameters
0x6C4−0x6EF
0xAC−0xB0
CH 1/2 DRC parameters
0x6F0−0x733
0xB1−0xB5
CH3 DRC parameters
0x734−0x777
0xB6−0xBA
Spectrum analyzer parameters
0x778−0x847
0xBB−0xC5
Dither output mixers
0x848−0x84F
0xC6
Dither speed
0x850−0x853
0xC7
Factory Test Data (EEPROM Spacer Data) − Zeros
0x854−0x85F
0xC8−0xC9
Valid data
Input mixers—set 2
0x860−0x87F
0xCA−0xD1
Spacer Data
0x880−0x8E3
0xD2−0xEA
Valid data
Watchdog timer enable—must be disabled = 00 00 00 01
0x8E4−0x8E7
0xEB
Factory Test Data (EEPROM Spacer Data) − Zeros
0x8E8−0x8EF
0xEC−0xED
GPIO port parameters
0x8F0−0x8F7
0xEE−0xEF
Volume parameters
0x8F8−0x90B
0xF0−0xF4
Bass/treble filter selections
0x90C−0x91R
0xF5−0xF8
Valid data
I2S command word
0x91C−0x91F
0xF9
Valid data
Delay/reverb settings
0x920−0x92B
0xFA
I2C M and N
0x92C−0x92F
0xFB
Ending I2C check word—must match starting check word
0x930−0x933
0xFC
Read Only Data (EEPROM Spacer Data)
0x934−0x941
0xFD−0xFF
NOTE: EEPROM organization must be big Endian−MS byte of data word allocated to the lowest address in memory.
The I2C master mode also utilizes the starting and ending I2C check words to verify a proper EEPROM download.
The first 32-bit data word received from the EEPROM, the starting I2C check word at subaddress 0x00, is stored and
compared against the 32-bit data word received for subaddress 0xFC, the ending I2C check word. These two data
words must be equal as stored in the EEPROM. If the two words do not match when compared in the TAS3103, the
TAS3103 conducts another parameter download from the EEPROM. If the comparison check again fails, the
TAS3103 discards all downloaded parameters and set all parameters to the default values listed in the subaddress
table presented in the Appendix. In the I2C slave mode, these default values are used to initialize the TAS3103 at
power turnon or after a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com