Electronic Components Datasheet Search
  English  ▼

X  

LM2743 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2743
Description  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2743 Datasheet HTML 1Page - National Semiconductor (TI) LM2743 Datasheet HTML 2Page - National Semiconductor (TI) LM2743 Datasheet HTML 3Page - National Semiconductor (TI) LM2743 Datasheet HTML 4Page - National Semiconductor (TI) LM2743 Datasheet HTML 5Page - National Semiconductor (TI) LM2743 Datasheet HTML 6Page - National Semiconductor (TI) LM2743 Datasheet HTML 7Page - National Semiconductor (TI) LM2743 Datasheet HTML 8Page - National Semiconductor (TI) LM2743 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
-0.3 to 7V
BOOT Voltage
-0.3 to 21V
All other pins
-0.3 to V
CC + 0.3V
Junction Temperature
150˚C
Storage Temperature
−65˚C to 150˚C
Soldering Information
Lead Temperature
(soldering, 10sec)
260˚C
Infrared or Convection (20sec)
235˚C
ESD Rating (Note 3)
2 kV
Operating Ratings
Supply Voltage Range (V
CC)
3Vto6V
Junction Temperature Range
(T
J)
−40˚C to +125˚C
Thermal Resistance (
θ
JA)
155˚C/W
Electrical Characteristics
V
CC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ= 25˚C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
FB
FB Pin Voltage
V
CC =3Vto6V
0.588
0.6
0.612
V
V
ON
UVLO Thresholds
Rising
Falling
2.76
2.42
V
I
Q_VCC
Operating V
CC Current
V
CC = 3.3V, VSD = 3.3V
Fsw = 600kHz
1.0
1.5
2.1
mA
V
CC = 5V, VSD = 3.3V
Fsw = 600kHz
1.0
1.7
2.1
Shutdown V
CC Current
V
CC = 3.3V, VSD = 0V
110
185
µA
t
PWGD1
PWGD Pin Response Time
V
FB Rising
6
µs
t
PWGD2
PWGD Pin Response Time
V
FB Falling
6
µs
I
SS-ON
SS Pin Source Current
V
SS =0V
7
10
14
µA
I
SS-OC
SS Pin Sink Current During
Over Current
V
SS = 2.5V
90
µA
I
SEN-TH
I
SEN Pin Source Current Trip
Point
25
40
55
µA
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain
Bandwidth
9
MHz
G
Error Amplifier DC Gain
106
dB
SR
Error Amplifier Slew Rate
3.2
V/µs
I
EAO
EAO Pin Current Sourcing and
Sinking Capability
V
EAO = 1.5, FB = 0.55V
V
EAO = 1.5, FB = 0.65V
2.6
9.2
mA
V
EA
Error Amplifier Output Voltage
Minimum
1
V
Maximum
2
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com