Electronic Components Datasheet Search
  English  ▼

X  

LM2743 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2743
Description  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2743 Datasheet HTML 1Page - National Semiconductor (TI) LM2743 Datasheet HTML 2Page - National Semiconductor (TI) LM2743 Datasheet HTML 3Page - National Semiconductor (TI) LM2743 Datasheet HTML 4Page - National Semiconductor (TI) LM2743 Datasheet HTML 5Page - National Semiconductor (TI) LM2743 Datasheet HTML 6Page - National Semiconductor (TI) LM2743 Datasheet HTML 7Page - National Semiconductor (TI) LM2743 Datasheet HTML 8Page - National Semiconductor (TI) LM2743 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM2743
Low Voltage N-Channel MOSFET Synchronous Buck
Regulator Controller
General Description
The LM2743 is a high-speed synchronous buck regulator
controller with an accurate feedback voltage accuracy of
±2%. It can provide simple down conversion to output volt-
ages as low as 0.6V. Though the control sections of the IC
are rated for 3 to 6V, the driver sections are designed to
accept input supply rails as high as 16V. The use of adaptive
non-overlapping MOSFET gate drivers helps avoid potential
shoot-through problems while maintaining high efficiency.
The IC is designed for the more cost-effective option of
driving only N-channel MOSFETs in both the high-side and
low-side positions. It senses the low-side switch voltage drop
for providing a simple, adjustable current limit.
The fixed-frequency voltage-mode PWM control architecture
is adjustable from 50 kHz to 1 MHz with one external resis-
tor. This wide range of switching frequency gives the power
supply designer the flexibility to make better tradeoffs be-
tween component size, cost and efficiency.
Features include soft-start, input undervoltage lockout
(UVLO) and Power Good (based on both undervoltage and
overvoltage detection). In addition, the shutdown pin of the
IC can be used for providing startup delay, and the soft-start
pin can be used for implementing precise tracking, for the
purpose of sequencing with respect to an external rail.
Features
n
Power stage input voltage from 1V to 16V
n
Control stage input voltage from 3V to 6V
n
Output voltage adjustable down to 0.6V
n
Power good flag and shutdown
n
Output overvoltage and undervoltage detection
n ±
2% feedback voltage accuracy over temperature
n
Low-side adjustable current sensing
n
Adjustable soft-start
n
Tracking and sequencing with shutdown and soft start
pins
n
Switching frequency from 50 kHz to 1 MHz
n
TSSOP-14 package
Applications
n
3.3V Buck Regulation
n
Cable Modem, DSL and ADSL
n
Laser Jet and Ink Jet Printers
n
Low Voltage Power Modules
n
DSP, ASIC, Core and I/O
Typical Application
20095201
February 2005
© 2005 National Semiconductor Corporation
DS200952
www.national.com


Similar Part No. - LM2743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743 TI-LM2743 Datasheet
1Mb / 37P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 37P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI2-LM2743 Datasheet
1Mb / 44P
LM2743 2.2-V to 16-V Input, voltage mode, synchronous buck controller with tracking
REVISED FEBRUARY 2019
LM2743MTC TI-LM2743MTC Datasheet
1Mb / 37P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Similar Description - LM2743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
N-Channel FET Synchronous Buck Regulator Controller
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com