Electronic Components Datasheet Search
  English  ▼

X  

LM2743 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2743
Description  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2743 Datasheet HTML 8Page - National Semiconductor (TI) LM2743 Datasheet HTML 9Page - National Semiconductor (TI) LM2743 Datasheet HTML 10Page - National Semiconductor (TI) LM2743 Datasheet HTML 11Page - National Semiconductor (TI) LM2743 Datasheet HTML 12Page - National Semiconductor (TI) LM2743 Datasheet HTML 13Page - National Semiconductor (TI) LM2743 Datasheet HTML 14Page - National Semiconductor (TI) LM2743 Datasheet HTML 15Page - National Semiconductor (TI) LM2743 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Application Information (Continued)
too (both drivers are ground referenced, i.e. no floating
driver). To fully turn the top MOSFET on, the BOOT voltage
must be at least one gate threshold greater than V
IN when
the high-side drive goes high. This bootstrap voltage is
usually supplied from a local charge pump structure. But
looking at the Typical Application schematic, this also means
that the difference voltage V
CC -VD1, which is the voltage the
bootstrap capacitor charges up to, must be always greater
than the maximum tolerance limit of the threshold voltage of
the upper MOSFET. Here V
D1 is the forward voltage drop
across the bootstrap diode D1. This therefore may place
restrictions on the minimum input voltage and/or type of
MOSFET used.
The most basic charge bootstrap pump circuit can be built
using one Schottky diode and a small capacitor, as shown in
Figure 7. The capacitor C
BOOT serves to maintain enough
voltage between the top MOSFET gate and source to control
the device even when the top MOSFET is on and its source
has risen up to the input voltage level. The charge pump
circuitry is fed from V
CC, which can operate over a range
from 3.0V to 6.0V. Using this basic method the voltage
applied to the gates of both high-side and low-side MOS-
FETs is V
CC -VD. This method works well when VCC is
5V±10%, because the gate drives will get at least 4.0V of
drive voltage during the worst case of V
CC-MIN = 4.5V and
V
D-MAX = 0.5V. Logic level MOSFETs generally specify their
on-resistance at V
GS = 4.5V. When VCC = 3.3V±10%, the
gate drive at worst case could go as low as 2.5V. Logic level
MOSFETs are not guaranteed to turn on, or may have much
higher on-resistance at 2.5V. Sub-logic level MOSFETs, usu-
ally specified at V
GS = 2.5V, will work, but are more expen-
sive, and tend to have higher on-resistance. The circuit in
Figure 7 works well for input voltages ranging from 1V up to
16V and V
CC =5V ±10%, because the drive voltage de-
pends only on V
CC.
Note that the LM2743 can be paired with a low cost linear
regulator like the LP8340 to run from a single input rail
between 6.0 and 16V. The 5V output of the linear regulator
powers both the V
CC and the bootstrap circuit, providing
efficient drive for logic level MOSFETs. An example of this
circuit is shown in Figure 8.
Figure 9 shows a second possibility for bootstrapping the
MOSFET drives using a doubler. This circuit provides an
equal voltage drive of V
CC -3VD +VIN to both the high-side
and low-side MOSFET drives. This method should only be
used in circuits that use 3.3V for both V
CC and VIN. Even with
V
IN =VCC = 3.0V (10% lower tolerance on 3.3V) and VD =
0.5V both high-side and low-side gates will have at least
4.5V of drive. The power dissipation of the gate drive cir-
cuitry is directly proportional to gate drive voltage, hence the
thermal limits of the LM2743 IC will quickly be reached if this
circuit is used with V
CC or VIN voltages over 5V.
All the gate drive circuits shown in the above figures typically
use 100nF ceramic capacitors in the bootstrap locations.
20095212
FIGURE 7. Basic Charge Pump (Bootstrap)
20095213
FIGURE 8. LM78L05 Feeding Basic Charge Pump
20095219
FIGURE 9. Charge Pump with Added Gate Drive
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com