Electronic Components Datasheet Search
  English  ▼

X  

LM2743 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2743
Description  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2743 Datasheet HTML 15Page - National Semiconductor (TI) LM2743 Datasheet HTML 16Page - National Semiconductor (TI) LM2743 Datasheet HTML 17Page - National Semiconductor (TI) LM2743 Datasheet HTML 18Page - National Semiconductor (TI) LM2743 Datasheet HTML 19Page - National Semiconductor (TI) LM2743 Datasheet HTML 20Page - National Semiconductor (TI) LM2743 Datasheet HTML 21Page - National Semiconductor (TI) LM2743 Datasheet HTML 22Page - National Semiconductor (TI) LM2743 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Application Information (Continued)
P
SW =0.5*VIN *IOUT *(tr +tf)* FOSC
P
SW = 0.5 x 3.3V x 4A x 300kHz x 31ns
P
SW = 61.38mW
The FDS6898A has a typical turn-on rise time t
r and turn-off
fall time t
f of 15ns and 16ns, respectively. The switching
losses for this type of dual N-Channel MOSFETs are
0.061W.
FET Conduction Loss (P
CND)
P
CND =PCND1 +PCND2
P
CND1 =I
2
OUT xRDS(ON) xkxD
P
CND2 =I
2
OUT xRDS(ON) x k x (1-D)
R
DS(ON) = 13m
Ω and the factor is a constant value (k = 1.3)
to account for the increasing R
DS(ON) of a FET due to heat-
ing.
P
CND1 = (4A)
2 x 13m
Ω x 1.3 x 0.364
P
CND2 = (4A)
2 x 13m
Ω x 1.3 x (1 - 0.364)
P
CND = 98.42mW + 172mW = 270.42mW
There are few additional losses that are taken into account:
IC Operating Loss (P
IC)
P
IC =IQ_VCC xVCC,
where I
Q-VCC is the typical operating VCC current
P
IC= 1.5mA *3.3V = 4.95mW
FET Gate Charging Loss (P
GATE)
P
GATE =n*VCC *QGS *FOSC
P
GATE = 2 x 3.3V x 3nC x 300kHz
P
GATE = 5.94mW
The value n is the total number of FETs used and Q
GS is the
typical gate-source charge value, which is 3nC. For the
FDS6898A the gate charging loss is 5.94mW.
Input Capacitor Loss (P
CAP)
where,
Here n is the number of paralleled capacitors, ESR is the
equivalent series resistance of each, and P
CAP is the dissi-
pation in each. So for example if we use only one input
capacitor of 24 m
Ω.
P
CAP = 88.8mW
Output Inductor Loss (P
IND)
P
IND =I
2
OUT * DCR
where DCR is the DC resistance. Therefore, for example
P
IND = (4A)
2 x11m
Ω
P
IND = 176mW
Total System Efficiency
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com