Electronic Components Datasheet Search
  English  ▼

X  

LM2743 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2743
Description  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2743 Datasheet HTML 14Page - National Semiconductor (TI) LM2743 Datasheet HTML 15Page - National Semiconductor (TI) LM2743 Datasheet HTML 16Page - National Semiconductor (TI) LM2743 Datasheet HTML 17Page - National Semiconductor (TI) LM2743 Datasheet HTML 18Page - National Semiconductor (TI) LM2743 Datasheet HTML 19Page - National Semiconductor (TI) LM2743 Datasheet HTML 20Page - National Semiconductor (TI) LM2743 Datasheet HTML 21Page - National Semiconductor (TI) LM2743 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Application Information (Continued)
In practice, a good trade off between phase margin and
bandwidth can be obtained by selecting the closest ±10%
capacitor values above what are suggested for C
C1 and CC2,
the closest ±10% capacitor value below the suggestion for
C
C3, and the closest ±1% resistor values below the sugges-
tions for R
C1,RC2. Note that if the suggested value for RC2 is
less than 100
Ω, it should be replaced by a short circuit.
Following this guideline, the compensation components will
be:
C
C1 = 27pF ±10%, CC2 = 820pF ±10%
C
C3 = 2.7nF ±10%, RC1 = 39.2k
Ω ±1% R
C2 = 2.55k
Ω ±1%
The transfer function of the compensation block can be
derived by considering the compensation components as
impedance blocks Z
F and ZI around an inverting op-amp:
As with the generic equation, G
EA-ACTUAL must be modified
to take into account the limited bandwidth of the error ampli-
fier. The result is:
The total control loop transfer function H is equal to the
power stage transfer function multiplied by the error amplifier
transfer function.
H=G
PS xHEA
The bandwidth and phase margin can be read graphically
from Bode plots of H
EA are shown in Figure 14.
The bandwidth of this example circuit is 59kHz, with a phase
margin of 60˚.
EFFICIENCY CALCULATIONS
The following is a sample calculation.
A reasonable estimation of the efficiency of a switching buck
controller can be obtained by adding together the Output
Power (P
OUT) loss and the Total Power (PTOTAL) loss:
The Output Power (P
OUT) for theTypical Application Circuit
design is (1.2V * 4A) = 4.8W. The Total Power (P
TOTAL), with
an efficiency calculation to complement the design, is shown
below.
The majority of the power losses are due to low and high
side of MOSFET’s losses. The losses in any MOSFET are
group of switching (P
SW) and conduction losses(PCND).
P
FET =PSW +PCND = 61.38mW + 270.42mW
P
FET = 331.8mW
FET Switching Loss (P
SW)
P
SW =PSW(ON) +PSW(OFF)
20095285
20095286
FIGURE 14. Overall Loop Gain and Phase
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com