Electronic Components Datasheet Search
  English  ▼

X  

PT8401 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT8401
Description  MP3 Audio Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8401 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT8401 Datasheet HTML 7Page - Princeton Technology Corp PT8401 Datasheet HTML 8Page - Princeton Technology Corp PT8401 Datasheet HTML 9Page - Princeton Technology Corp PT8401 Datasheet HTML 10Page - Princeton Technology Corp PT8401 Datasheet HTML 11Page - Princeton Technology Corp PT8401 Datasheet HTML 12Page - Princeton Technology Corp PT8401 Datasheet HTML 13Page - Princeton Technology Corp PT8401 Datasheet HTML 14Page - Princeton Technology Corp PT8401 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
MP3 Audio Decoder
PT8401
PT8401 v 1.3
Page 11
Updated March 2002
Princeton Technology Corp.
Table 4. Settings for input frequency 12.288MHz.
Register Name
Value
PLLSet
0x3b28
PLLFraction
0x7e5e
The sampling frequency of ADPCM encoding is controlled by Serial Input Port 2; however, the
sampling frequency of ADPCM decoding is controlled via the setting of PLL. The microcontroller has
to be set properly to get the right listening results. The default setting for ADPCM decoding assumes
that sampling frequency is 8kHz; however, 11.025kHz and 12kHz are selectable, too.
Start-up Configuration and General Purpose IO
PT8401 offers another easy way to configure the basic start-up setting without using the external controller.
It is called “Start-up” Configuration. GPIO pins are configured as input pins before RESET. After RESET,
those values are latched to be the basic configuration of PT8401. After start-up, the GPIO pins are
configured as output pins.
START-UP CONFIGURATION
GPIO
Name
Description
0
SetMode
"0" : MPEG Mode
"1" : ADPCM Mode
1
AdpcmMode
"0" : Bitstream Decoding
"1" : Sample Encoding.
2
SP_SEL
"0" : First Serial Port
"1" : Parallel Input Port Selection (only in MPEG Decoding).
3
Set_SAO[0]
Set Serial Output Port. Same as Main Function Selection.
4
Set_SAO[1]
5
Set_SAO[2]
6
Set_SAI2[0]
Set Second Serial Input Port. Same as Main Function Selection.
7
Set_SAI2[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com