Electronic Components Datasheet Search
  English  ▼

X  

PT8401 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT8401
Description  MP3 Audio Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8401 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT8401 Datasheet HTML 9Page - Princeton Technology Corp PT8401 Datasheet HTML 10Page - Princeton Technology Corp PT8401 Datasheet HTML 11Page - Princeton Technology Corp PT8401 Datasheet HTML 12Page - Princeton Technology Corp PT8401 Datasheet HTML 13Page - Princeton Technology Corp PT8401 Datasheet HTML 14Page - Princeton Technology Corp PT8401 Datasheet HTML 15Page - Princeton Technology Corp PT8401 Datasheet HTML 16Page - Princeton Technology Corp PT8401 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
MP3 Audio Decoder
PT8401
PT8401 v 1.3
Page 13
Updated March 2002
Princeton Technology Corp.
SPEECH ADPCM ENCODING TIMING
Figure 8: Speech ADPCM Encoding Timing.
In Figure 8, ALRQI2 assumes that the command register Set_SAI2 bit 0 is"0". If Bit 0 is set to "1",
the signal ALRQI2 in Figure 8 should be inverted.
I
2C Microprocessor Interface
PT8401 uses I
2C interface for communication. I2C communicate with multi devices using only two lines;
namely: IICD and IICC. The following control and status registers are accessible via I
2C interface.
? ?
S is a Start Bit (a start condition). Any transmission must start with it.
? ?
Dev_addr is a 7-bit Device Address Identifier. Each device can only have one address. PT8401 is
fixed at "0110100b".
? ?
R/W issues a read or write operation
? ?
A/A is an Acknowledge Bit. It is performed in the receiver and is used to inform the transmitter
that the data is properly received or used to stop data transmission.
? ?
P is a Stop Bit. Any sequence must end with it.
The I
2C write operation is a word (two-byte) writing mode, as described in Figure 8. Multi-byte write is
D 1
D 2
DN +1
DN +2
D 3
DN
ALRQI2
Enc_ENA
Enc_DAT[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com