Electronic Components Datasheet Search
  English  ▼

X  

PT8401 Datasheet(PDF) 16 Page - Princeton Technology Corp

Part # PT8401
Description  MP3 Audio Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8401 Datasheet(HTML) 16 Page - Princeton Technology Corp

Back Button PT8401 Datasheet HTML 12Page - Princeton Technology Corp PT8401 Datasheet HTML 13Page - Princeton Technology Corp PT8401 Datasheet HTML 14Page - Princeton Technology Corp PT8401 Datasheet HTML 15Page - Princeton Technology Corp PT8401 Datasheet HTML 16Page - Princeton Technology Corp PT8401 Datasheet HTML 17Page - Princeton Technology Corp PT8401 Datasheet HTML 18Page - Princeton Technology Corp PT8401 Datasheet HTML 19Page - Princeton Technology Corp PT8401 Datasheet HTML 20Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
MP3 Audio Decoder
PT8401
PT8401 v 1.3
Page 16
Updated March 2002
Princeton Technology Corp.
0x46
Set_SAO
Bit 5:4
00 : ACQO is generated from the Internal Clock.
01 : ACQO is generated from the External Clock.
10 : MCLKO is generated from the External Clock.
0x0
R/W
Second Serial Input Port Mode Setting
Bit 0
0 : ALRQ Signal. Left is "Low".
1 : ALRQ Signal. Left is "High".
0x47
Set_SAI2
Bit 1
0 : Relative Timing No Delay to ALRQ.
1 : Relative Timing One Delay to ALRQ.
0x0
R/W
0x59
ADPCM_FS_SE
L
ADPCM Decoding Mode Sampling Frequency Selection.
0 : 11.025kHz.
1 : 12kHz.
2 : 8kHz
0x0
R/W
0x5a
Soft_Reset
Set to 1 to software reset, but all the command registers keep the
setting values.
0x0
W
0x5e
Pwr_Dwn_Reg
Power Down Control Register.
0x0
W
0x63
Fward_Num
Fast Foward Mode, number of frame to be play
0x6
W
0x64
Skip_Num
Fast Foward Mode, number of frame to be skip
0x6
W
PLL SETTING COMMAND
Address Register Name
Description
Default
R/W
0x48
MclkSel
Master Oversampling Output Clock Selection.
“0” : 256fs.
“1” : 384fs.
0x0
R/W
0x4b
PllSet
PLL Control Parameter Setting.
0x3b28
R/W
0x4c
PllFraction
15-bit PLL Fraction Parameter Setting.
0x7e5e
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com