Electronic Components Datasheet Search
  English  ▼

X  

PT8401 Datasheet(PDF) 20 Page - Princeton Technology Corp

Part # PT8401
Description  MP3 Audio Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8401 Datasheet(HTML) 20 Page - Princeton Technology Corp

Back Button PT8401 Datasheet HTML 16Page - Princeton Technology Corp PT8401 Datasheet HTML 17Page - Princeton Technology Corp PT8401 Datasheet HTML 18Page - Princeton Technology Corp PT8401 Datasheet HTML 19Page - Princeton Technology Corp PT8401 Datasheet HTML 20Page - Princeton Technology Corp PT8401 Datasheet HTML 21Page - Princeton Technology Corp PT8401 Datasheet HTML 22Page - Princeton Technology Corp PT8401 Datasheet HTML 23Page - Princeton Technology Corp PT8401 Datasheet HTML 24Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
MP3 Audio Decoder
PT8401
PT8401 v 1.3
Page 20
Updated March 2002
Princeton Technology Corp.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
Free
32
64
96
128
160
192
224
256
288
320
352
384
416
448
forbidden
Free
32
48
56
64
80
96
112
128
160
192
224
256
320
384
forbidden
Free
32
40
48
56
64
80
96
112
128
160
192
224
256
320
forbidden
Free
32
48
56
64
80
96
112
128
144
160
176
192
224
256
forbidden
Free
8
16
24
32
40
48
56
64
80
96
112
128
144
160
forbidden
Sampling
frequency
MPEG1
MPEG2
10..11
00
01
10
11
44.1kHz
48kHz
32kHz
reserved
22.05kHz
24kHz
16kHz
reserved
9
Padding_bit
8
Private bit
Bit
Item
Description
mode
6..7
00
01
10
11
Stereo
Joint_stereo
Dual_channel
Single_channel
Layer III
4..5
Mode_extension
Layer I,II
mode=joint_stereo
Intensity_
Stereo
Ms_stereo
0xff
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com