Electronic Components Datasheet Search
  English  ▼

X  

AD9725 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9725
Description  14-Bit, 600 MSPS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9725 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9725 Datasheet HTML 2Page - Analog Devices AD9725 Datasheet HTML 3Page - Analog Devices AD9725 Datasheet HTML 4Page - Analog Devices AD9725 Datasheet HTML 5Page - Analog Devices AD9725 Datasheet HTML 6Page - Analog Devices AD9725 Datasheet HTML 7Page - Analog Devices AD9725 Datasheet HTML 8Page - Analog Devices AD9725 Datasheet HTML 9Page - Analog Devices AD9725 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9725
Preliminary Technical Data
Rev. PrA | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Parameter
With Respect to
Min
Max
Unit
AVDD1, AVDD2, DBVDD
ACOM1, ACOM2, DBCOM
–0.3
TBD
V
ADVDD, ACVDD, CLKVDD, DVDD
ADCOM, ACCOM, CLKCOM,
DCOM
–0.3
TBD
V
ACOM1, ACOM2, DBCOM
ACOM1, ACOM2, DBCOM
–0.3
+0.3
V
ADCOM, ACCOM, CLKCOM, DCOM
ADCOM, ACCOM, CLKCOM,
DCOM
–0.3
+0.3
V
REFIO, FSDAJ
ACOM1
–0.3
AVDD1 + 0.3
V
IOUTA, IOUTB
ACOM1
–1
AVDD1 + 0.3
V
DB0-DB15, DB0-DB15
DBCOM
–0.3
DBVDD + 0.3
V
DATACLKOUT, DATACLKOUT
DBCOM
–0.3
DBVDD + 0.3
V
REXT, CLK+, CLK-
CLKCOM
–0.3
CLKVDD + 0.3
V
SDO/SYNC_ALRM, SDIO, CSB
DBCOM
–0.3
DBVDD + 0.3
V
SCLK/SYNC, RESET
DBCOM
–0.3
DBVDD + 0.3
V
DDR, SPI_DIS
ADCOM
–0.3
ADVDD + 0.3
V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although this product features proprietary ESD protection circuitry, perma-
nent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com