Electronic Components Datasheet Search
  English  ▼

X  

AD9725 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9725
Description  14-Bit, 600 MSPS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9725 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9725 Datasheet HTML 7Page - Analog Devices AD9725 Datasheet HTML 8Page - Analog Devices AD9725 Datasheet HTML 9Page - Analog Devices AD9725 Datasheet HTML 10Page - Analog Devices AD9725 Datasheet HTML 11Page - Analog Devices AD9725 Datasheet HTML 12Page - Analog Devices AD9725 Datasheet HTML 13Page - Analog Devices AD9725 Datasheet HTML 14Page - Analog Devices AD9725 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
AD9725
Rev. PrA | Page 11 of 16
DEFINITIONS
Linearity Error (Also Called Integral Nonlinearity or INL)
Linearity error is defined as the maximum deviation of the
actual analog output from the ideal output, determined by a
straight line drawn from zero-scale to full-scale.
Differential Nonlinearity ( DNL)
DNL is the measure of the variation in analog value, normalized
to full-scale, and associated with a 1 LSB change in digital input
code.
Monotonicity
A D/A converter is monotonic if the output either increases or
remains constant as the digital input increases.
Offset Error
The deviation of the output current from the ideal of zero is
called offset error. For IOUTA, 0 mA output is expected when the
inputs are all 0s. For IOUTB, 0 mA output is expected when all
inputs are set to 1s.
Gain Error
The difference between the actual and ideal output span. The
actual span is determined by the output when all inputs are set
to 1s, minus the output when all inputs are set to 0s.
Output Compliance Range
The range of allowable voltage at the output of a current-output
DAC. Operation beyond the maximum compliance limits may
cause either output stage saturation or breakdown, resulting in
nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25°C) value to the value at either TMIN or TMAX. For
offset and gain drift, the drift is reported in ppm of full-scale
range (FSR) per degree celsius. For reference drift, the drift is
reported in ppm per degree celsius.
Power Supply Rejection
The maximum change in the full-scale output as the supplies
are varied from minimum to maximum specified voltages.
Settling Time
The time required for the output to reach and remain within a
specified error band about its final value, measured from the
start of the output transition.
Glitch Impulse
Asymmetrical switching times in a DAC give rise to undesired
output transients that are quantified by a glitch impulse. It is
specified as the net area of the glitch in pV-s.
Spurious-Free Dynamic Range
The difference, in decibels, between the rms amplitude of the
output signal and the peak spurious signal over the specified
bandwidth.
Total Harmonic Distortion
THD is the ratio of the rms sum of the first six harmonic com-
ponents to the rms value of the measured fundamental. It is
expressed as a percentage or in decibels (dB).
Signal-to-Noise Ratio (SNR)
S/N is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency, excluding the first six harmonics and dc. The
value for SNR is expressed in decibels.
Adjacent Channel Power Ratio (or ACPR)
A ratio in dBc between the measured power within a channel
relative to its adjacent channel.
LVDS
Low voltage differential signaling. A differential logic specifi-
cation that defines logic levels as approximately ±350 mV
(differential) over a common mode range of 0.875 V to 1.575 V.
LVDS is designed to achieve clock rates of up to 840 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com