Electronic Components Datasheet Search
  English  ▼

X  

AD9725 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9725
Description  14-Bit, 600 MSPS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9725 Datasheet(HTML) 1 Page - Analog Devices

  AD9725 Datasheet HTML 1Page - Analog Devices AD9725 Datasheet HTML 2Page - Analog Devices AD9725 Datasheet HTML 3Page - Analog Devices AD9725 Datasheet HTML 4Page - Analog Devices AD9725 Datasheet HTML 5Page - Analog Devices AD9725 Datasheet HTML 6Page - Analog Devices AD9725 Datasheet HTML 7Page - Analog Devices AD9725 Datasheet HTML 8Page - Analog Devices AD9725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
14-Bit, 600+ MSPS
D/A Converter
Preliminary Technical Data
AD9725
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
600+ MSPS DAC update rate
16/14/12/10-bit resolution family
LVDS interface with built-in 100-termination resistors
Single data rate and double data rate capability
Excellent dynamic performance
SFDR = 63 dBc at 140 MHz
IMD = 73 dBc at 140 MHz
Differential current outputs: 2 mA to 20 mA
–40°C to +85°C temperature range operation
On-chip 1.20 V reference
Package: 80-lead thermally-enhanced TQFP
Versatile clock and data interface
APPLICATIONS
Instrumentation and test
Wideband communications systems
Point-to-point wireless
LMDS
PA linearization
High resolution displays
FUNCTIONAL BLOCK DIAGRAM
DATA
FORMATTER
DATA CLOCK
FORMATTER
DATA SYNC.
CALIBRATION
REFERENCE
SPI
CLOCK DISTRIBUTION
AND CONTROL
14-BIT
DAC
SDIO
CSB
IOUTA
IOUTB
FSADJ
REFIO
SDO/SYNC_ALRM
SCLK/SYNC_UPD
RESET
DB[13:0]+
DB[13:0]–
DATACLK_IN+
DATACLK_IN–
REXT
DATACLK_OUT+
DATACLK_OUT–
CLK+
CLK–
DDR
Figure 1
PRODUCT DESCRIPTION
The AD9725 is a 14-bit digital-to-analog converter (DAC) that
utilizes an LVDS interface to achieve conversion rates in excess
of 600 MSPS. It is in a family of pin compatible converters that
offers selection of 10-bit, 12-bit, 14-bit, and 16-bit resolution
grades. All of the devices share the same interface options, small
outline package, and pinout, providing an upward or downward
component selection path based on performance, resolution
and cost.
PRODUCT HIGHLIGHTS
Ultralow noise and intermodulation distortion (IMD) enable
high quality waveform synthesis at intermediate frequencies up
to 200 MHz.
LVDS receivers support SDR or DDR modes, with the maxi-
mum conversion rate exceeding 600 MSPS.
Manufactured on a CMOS process, the AD9725 uses a proprie-
tary switching technique that enhances dynamic performance.
The current output of the AD9725 can be easily configured for
various single-ended or differential circuit topologies.


Similar Part No. - AD9725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
More results

Similar Description - AD9725

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
logo
Analog Devices
AD9726 AD-AD9726 Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com