Electronic Components Datasheet Search
  English  ▼

X  

MICRF501 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF501
Description  300MHz to 600MHz RadioWire??RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF501 Datasheet HTML 7Page - Micrel Semiconductor MICRF501 Datasheet HTML 8Page - Micrel Semiconductor MICRF501 Datasheet HTML 9Page - Micrel Semiconductor MICRF501 Datasheet HTML 10Page - Micrel Semiconductor MICRF501 Datasheet HTML 11Page - Micrel Semiconductor MICRF501 Datasheet HTML 12Page - Micrel Semiconductor MICRF501 Datasheet HTML 13Page - Micrel Semiconductor MICRF501 Datasheet HTML 14Page - Micrel Semiconductor MICRF501 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
March 2003
11
MICRF501
MICRF501
Micrel
Modulation Inside PLL
A fast PLL requires a loop filter with relatively high bandwidth.
If a second order loop filter is chosen, it may not give
adequate attenuation of the comparison frequency. There-
fore in the following example a third order loop filter is chosen.
Example 1:
Radio frequency
f
RF
434MHz
Comparison frequency
f
C
100kHz
Loop bandwidth
BW
4.3kHz
VCO gain
K
o
28MHz/V
Phase comparator gain
K
d
500
µA/rad
Phase margin
j
62
°
Breakthrough suppression
A
20dB
The component values will be:
C116
33n
R109
6.2k
C103
150p
OUT
R101
22k
IN
C115
1.5n
Figure 5. Third Order Loop Filter
With this loop filter, internal modulation up to 2400bps is
possible. The PLL lock time from power-down to Rx will be
approximately 1ms.
Modulation Outside PLL (Closed Loop)
When modulation is applied outside the PLL, it means that the
PLL should not track the changes in the loop due to the
modulation signal. A loop filter with relatively low bandwidth
is therefore necessary. The exact bandwidth will depend on
the actual modulation rate. Because the loop bandwidth will
be significantly lower than the comparison frequency, a
second order loop filter will normally give adequate attenua-
tion of the comparison frequency. If not, a third order loop filter
may give the extra attenuation needed.
Example 2:
Radio frequency
f
RF
434MHz
Comparison frequency
f
C
140kHz
Loop bandwidth
BW
1.03kHz
VCO gain
K
o
28MHz/V
Phase comparator gain
K
d
125
µA/rad
Phase margin
j
62
°
The component values will be:
C16
100n
R9
8.2k
R10
8.2k
OUT
IN
C15
6.8n
CmpR
Figure 6. Second Order Loop Filter
Data rates above approximately 19200baud (including
Manchester encoding) can be used with this loop filter without
significant tracking of the modulating signal. PLL lock time will
be approximately 4ms.
If a faster PLL lock time is wanted, the charge pump can be
made to deliver a current of 500
µA per unit phase error, while
an open drain NMOS on chip (Pin 10, CmpR) switches in a
second damping resistor (R10) to ground as shown in Figure
6. Once locked on the correct frequency, the PLL automati-
cally returns to standard low noise operation (charge pump
current: 125
µA/rad). If correct settings have been made in the
control word (cpmp1 = 1, cpmp0 = 0), the fast locking feature
is activated and will reduce PLL lock time by a factor of two
without affecting the phase margin in the loop.
Components C17, C18 C19, R11, R12, R13 and R16 (see
application circuit) are necessary if FSK modulation is ap-
plied to the VCO. Data entered at the DATAIXO-pin will then
be fed through the Mod-pin (Pin 11) which is a current output.
The pin sources a current of 50
µA when Logic 1 is entered at
the DATAIXO and drains the current for Logic 0. The capaci-
tance of C17 will set the order of filtering of the baseband
signal. A large capacitance will give a slow ramp-up and
therefore a high order of filtering of the baseband signal, while
a small capacitance gives a fast ramp-up, which in turn also
gives a broader frequency spectrum. Resistors R11 and R12
set the frequency deviation. If C18 is large compared to C17,
the frequency deviation will be large. R13 should be large to
avoid influencing the loop filter. Pin DATAIXO must be kept
in tri-state from the time Tx-mode is entered until one starts
sending data.
Modulation Outside PLL, Dual-Loop Filters
Modulation outside the PLL requires a loop filter with a
relatively low bandwidth compared to the modulation rate.
This results in a relatively long loop lock time. In applications
where modulation is applied to the VCO, but at the same time
a short start-up time from power down to receive mode is
needed, dual-loop filters can be implemented. Figure 7
shows how to implement dual-loop filters.
R109
6.2k
R102 22k
R8 47k
R9
6.2k
R10
6.2k
Pin4
Pin10
Pin9
towards_VCO
CMPOUT
DFC
C16
100n
C15
6.8n
C116
33n
C115
1.5n
C103
150p
FLC
Figure 7. Dual-Loop Filters
The loop filter used in transmit mode is made up of C15, C16,
R9 and R10. The fast lock feature is also included (internal
NMOS controlled by FLC, Fast Lock Control). This filter is
automatically switched in/out by an internal NMOS at Pin 4,
QchOut, which is controlled by DFC (Dual Filter Control). Bits
OutS2, OutS1, OutS0 must be set to 110. When QchOut is
used to switch the Tx loop filter to ground, neither QchOut nor
IchOut can be used as test pins to look at the different receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com