Electronic Components Datasheet Search
  English  ▼

X  

MICRF501 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF501
Description  300MHz to 600MHz RadioWire??RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF501 Datasheet HTML 1Page - Micrel Semiconductor MICRF501 Datasheet HTML 2Page - Micrel Semiconductor MICRF501 Datasheet HTML 3Page - Micrel Semiconductor MICRF501 Datasheet HTML 4Page - Micrel Semiconductor MICRF501 Datasheet HTML 5Page - Micrel Semiconductor MICRF501 Datasheet HTML 6Page - Micrel Semiconductor MICRF501 Datasheet HTML 7Page - Micrel Semiconductor MICRF501 Datasheet HTML 8Page - Micrel Semiconductor MICRF501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MICRF501
Micrel
MICRF501
4
March 2003
Electrical Characteristics
F
REF = 850MHz, VDD = 2.5 to 3.4V, TA = 25°C, unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Overall
Operating Frequency
300
434
600
MHz
Power Down Current
< 1
2
µA
Logic High Input, V
IH
70%
V
DD
Logic Low Input, V
IL
30%
V
DD
DATAIXO, Logic High Output (V
OH)IOH = –500µA
V
DD-0.3
V
DATAIXO, Logic Low Output (V
OL)IOL = 500µA
0.3
V
LockDet, Logic High Output (V
OH)IOH = –100µA
V
DD-0.25
V
LockDet, Logic Low Output (V
OL)IOL = 100µA
0.25
V
Clock/Data Frequency
10
MHz
Clock/Data Duty-Cycle
25
75
%
Data Setup to Clock (rising edge)
25
ns
VCO and PLL Section
Prescaler Divide Ratio
32/33
Reference Frequency
40
MHz
PLL Lock Time (int. modulation)
4kHz loop filter bandwidth
1
ms
PLL Lock Time (ext. modulation)
1kHz loop filter bandwidth
4
ms
Rx – (Tx with PA on) Switch Time
1kHz loop filter bandwidth
2
ms
Charge Pump Current
±95/±380 ±125/±500 ±155/±620
µA
Transmit Section
f
OUT = 434MHz
Output Power
R
LOAD = 50Ω, VDD = 3.0V
12
dBm
Transmit Data Rate (ext. modulation)
Note 4
128
kbauds
Transmit Data Rate (int. modulation)
Note 5
2.4
kbauds
Frequency Deviation to
Modulation Rate Ratio
unfiltered FSK
1.0
1.5
Current Consumption
Transmit Mode
10 dBm, R
LOAD = 50Ω
45
mA
Absolute Maximum Ratings (Note 1)
Maximum Supply Voltage (V
DD) ................................... +7V
Maximum NPN Reverse Base-emitter Voltage .......... +2.5V
Storage Temperature Range (T
S) ............ –55°C to +150°C
ESD Rating, Note 3 ................................................. 500mV
Operating Ratings (Note 2)
Supply Voltage (V
IN) ................................... +2.5V to +3.4V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
TQFP
(θ
JA)-Multilayer Board ............................. 46.3°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com