Electronic Components Datasheet Search
  English  ▼

X  

MICRF501 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF501
Description  300MHz to 600MHz RadioWire??RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF501 Datasheet HTML 10Page - Micrel Semiconductor MICRF501 Datasheet HTML 11Page - Micrel Semiconductor MICRF501 Datasheet HTML 12Page - Micrel Semiconductor MICRF501 Datasheet HTML 13Page - Micrel Semiconductor MICRF501 Datasheet HTML 14Page - Micrel Semiconductor MICRF501 Datasheet HTML 15Page - Micrel Semiconductor MICRF501 Datasheet HTML 16Page - Micrel Semiconductor MICRF501 Datasheet HTML 17Page - Micrel Semiconductor MICRF501 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
March 2003
17
MICRF501
MICRF501
Micrel
Example 2. f
RF = 434.245MHz, fRF = 10.00MHz. FSK modu-
lation is applied to the VCO.
A1
A0
N1
N0
M1
M0
Tx
27
27
143
143
106
106
Rx
27
27
143
143
106
106
RxFilt
Pa2
Pa1
Pa0
Gc
ByLNA
Tx
011110
Rx
011110
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Tx
000000
Rx
000000
Ref0
Cpmp1 Cpmp0
Fc1
Fc0
OutS2
Tx
001100
Rx
001100
OutS1
OutS0
Mod1
Mod0
RT
Pu
Tx
000011
Rx
000001
Binary form: (MSB to the left):
Tx:
011011 011011 000010001111
000010001111 0001101010 0001101010
011110000000001100000011
Rx:
011011 011011 000010001111
000010001111 0001101010 0001101010
011110000000001100000001
With modulation applied to the VCO, A, N and M values
corresponding to the receive frequency have to be found. The
same set of A, N and M values are used in all modes.
Programming After Battery Reset
In order to ensure a successful programming after VDD has
been zero volts, the PDEXT needs to be kept low during the
first programming sequence. This can be done by a seperate
I/O-line from a microcontroller, or a RC circuit on the PDEXT
pin to the VDD (a capacitor between PDEXT and ground and
a resistor between PDEXT and VDD). Using the latter method,
R and C values need to be chosen so that the voltage on the
PDEXT pin is lower then VDD/2 when the control word is
loaded into the parallel register. (See Figure 10.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com