Electronic Components Datasheet Search
  English  ▼

X  

MICRF501 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF501
Description  300MHz to 600MHz RadioWire??RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF501 Datasheet HTML 10Page - Micrel Semiconductor MICRF501 Datasheet HTML 11Page - Micrel Semiconductor MICRF501 Datasheet HTML 12Page - Micrel Semiconductor MICRF501 Datasheet HTML 13Page - Micrel Semiconductor MICRF501 Datasheet HTML 14Page - Micrel Semiconductor MICRF501 Datasheet HTML 15Page - Micrel Semiconductor MICRF501 Datasheet HTML 16Page - Micrel Semiconductor MICRF501 Datasheet HTML 17Page - Micrel Semiconductor MICRF501 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MICRF501
Micrel
MICRF501
16
March 2003
6. A new control word is entered into the first register. A
transition on the REGIN signal when CLKIN is high will
now turn the power amplifier off.
7. When the power amplifier is turned off an internal load
pulse is generated. The new control word is loaded into
the parallel register and the circuit enters a new mode
(in this case power down mode). CLKIN must go low
after the internal load pulse is generated.
As long as transitions on REGIN are avoided when CLKIN is
high, a new control word can be clocked into the first register
any time without affecting the operation of the transceiver.
Example 1. f
RF = 434.245MHz, frequency deviation:
≈ ±10kHz, f
XCO = 10.00MHz. FSK modulation is implemented
by switching between dividers.
A1
A0
N1
N0
M1
M0
Tx
18
11
127
115
94
85
Rx
27
27
143
143
106
106
RxFilt
Pa2
Pa1
Pa0
Gc
ByLNA
Tx
011110
Rx
011110
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Tx
000000
Rx
000000
Ref0
Cpmp1 Cpmp0
Fc1
Fc0
OutS2
Tx
010010
Rx
010010
OutS1
OutS0
Mod1
Mod0
RT
Pu
Tx
001011
Rx
001001
Binary form: (MSB to the left):
Tx:
010010 001011 000001111111
000001110011 0001011110 0001010101
011110000000010010001011
Rx:
011011 011011 000010001111
000010001111 0001101010 0001101010
011110000000010010001001
When FSK modulation is implemented by switching between
the different dividers A, N and M values corresponding to the
receive frequency and both transmit frequencies have to be
found.
When FSK modulation is applied to the VCO the PLL is using
the dividers A1, N1 and M1. When Mod1 = 1 and Mod0 = 0
it is possible to switch between the different dividers in the
PLL. DATAIXO controls the switching. When DATAIXO = 0
the PLL uses dividers A0, N0 and M0. When DATAIXO = 1 the
PLL uses dividers A1, N1 and M1. Switching between the
different dividers can be used to implement FSK modulation.
The N, M and A values can be calculated from the formula:
f
f
M
f
32 N
A
C
XCO
RF
==
×+
where f
C is the comparison frequency.
The 8bit control word is first read into a shift-register, and is
then loaded into a parallel register by a transition of the
REGIN signal (positive or negative) when the CLKIN signal is
high. The circuit then goes directly into the specified mode
(receive, transmit, etc.).
CLKIN
12 3
4
5
6
7
REGIN
LOAD_INT
PA_C
LOCKDET
Figure 10. Timing of CLKIN, REGIN and the Internal
LOAD_INT and PA_C Signals
1. The second last bit is clocked into the first shift register
(‘1’).
2. The last bit is clocked into the first shift register (‘1’).
3. A transition on the REGIN signal generates an internal
load pulse that loads the control word into the parallel
register. The circuit enters the new mode (in this case
Tx-mode). The circuit stabilizes in the new mode.
4. When the clock signal goes low, the power amplifier
(PA) is turned on slowly in order to minimize spurious
components on the RF output signal. To be sure the
PLL is in lock before the PA is turned on, the PA should
be turned on after LOCKDET has been set.
The negative transition on the clock signal should come
a minimum time of one period of the comparison fre-
quency after the internal load pulse is generated.
5. The power amplifier is fully turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com