Electronic Components Datasheet Search
  English  ▼

X  

CLC5633 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5633 Datasheet HTML 1Page - National Semiconductor (TI) CLC5633 Datasheet HTML 2Page - National Semiconductor (TI) CLC5633 Datasheet HTML 3Page - National Semiconductor (TI) CLC5633 Datasheet HTML 4Page - National Semiconductor (TI) CLC5633 Datasheet HTML 5Page - National Semiconductor (TI) CLC5633 Datasheet HTML 6Page - National Semiconductor (TI) CLC5633 Datasheet HTML 7Page - National Semiconductor (TI) CLC5633 Datasheet HTML 8Page - National Semiconductor (TI) CLC5633 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
+5 Electrical Characteristics (Continued)
(A
V = +2, RL =100Ω,VS = +5V
1,V
CM =VEE +(VS/2), RL tied to VCM, unless specified.
Symbol
Parameter
Conditions
Typ
Min/Max Ratings (Note 2)
Units
Static, DC Performance
Gain Accuracy (Note 3)
±0.3
±1.5
±2.0
±2.0
µA
Internal Resistors (R
f,Rg
1000
±20%
±26%
±30%
Ω
Power Supply Rejection Ratio
DC
48
45
43
43
dB
Common Mode Rejection Ratio
DC
44
41
39
39
dB
Supply Current (Per
Amplifier)(Note 3)
R
L = ∞
3.0
3.4
3.6
3.6
mA
Miscellaneous Performance
Input Resistance (Non-Inverting)
1.0
0.62
0.56
0.56
M
Ω
Input Capacitance
(Non-Inverting)
2.2
3.3
3.3
3.3
pF
Input Voltage Range, High
4.2
4.1
4.0
4.0
V
Input Voltage Range, Low
0.8
0.9
1.0
1.0
V
Output Voltage Range, High
R
L = 100Ω
4.0
3.9
3.8
3.8
V
Output Voltage Range, Low
R
L = 100Ω
1.0
1.1
1.2
1.2
V
Output Voltage Range, High
R
L = ∞
4.1
4.0
4.0
3.9
V
Output Voltage Range, Low
R
L = ∞
0.9
1.0
1.0
1.1
V
Output Current (Note 4)
100
80
65
40
mA
Output Resistance, Closed Loop
DC
400
600
600
600
m
Ω
±5 Electrical Characteristics
(A
V = +2, RL = 100Ω,VCC = ±5V, unless specified)
Symbol
Parameter
Conditions
Typ
Min/Max Ratings (Note 2)
Units
Ambient Temperature
CLC5633IN/IM
+25˚C
+25˚C
0 to
70˚C
−40 to
85˚C
Frequency Domain Response
-3dB Bandwidth
V
O = 1.0VPP
130
100
90
90
MHz
V
O = 4.0VPP
80
60
55
55
MHz
−0.1dB Bandwidth
V
O = 1.0VPP
20
17
12
12
MHz
Gain Peaking
<200MHz, V
O = 1.0VPP
0
0.5
1.0
1.0
dB
Gain Rolloff
<30MHz, V
O = 1.0VPP
0.1
0.3
0.5
0.5
dB
Linear Phase Deviation
<30MHz, V
O = 1.0VPP
0.2
0.4
0.6
0.6
deg
Differential Gain
NTSC, R
L = 150Ω
0.03
0.08
–
–
%
Differential Phase
NTSC, R
L = 150Ω
0.06
0.1
–
–
deg
Time Domain Response
Rise and Fall Time
2V Step
5.0
6.5
7.0
7.7
ns
Settling Time to 0.05%
2V Step
20
30
44
67
ns
Overshoot
2V Step
14
17
18
19
%
Slew Rate
2V Step
410
310
240
225
V/µs
Distortion And Noise Response
2nd Harmonic Distortion
2V
PP, 1MHz
−73
–
–
–
dBc
2V
PP, 1MHz; RL =1kΩ
−92
–
–
–
dBc
2V
PP, 5MHz
−69
−58
−56
−56
dBc
3rd Harmonic Distortion
2V
PP, 1MHz
−92
–
–
–
dBc
2V
PP, 1MHz; RL =1kΩ
−96
–
–
–
dBc
2V
PP, 5MHz
−72
−66
−65
−65
dBc
Equivalent Input noise
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com