Electronic Components Datasheet Search
  English  ▼

X  

CLC5633 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC5633 Datasheet HTML 9Page - National Semiconductor (TI) CLC5633 Datasheet HTML 10Page - National Semiconductor (TI) CLC5633 Datasheet HTML 11Page - National Semiconductor (TI) CLC5633 Datasheet HTML 12Page - National Semiconductor (TI) CLC5633 Datasheet HTML 13Page - National Semiconductor (TI) CLC5633 Datasheet HTML 14Page - National Semiconductor (TI) CLC5633 Datasheet HTML 15Page - National Semiconductor (TI) CLC5633 Datasheet HTML 16Page - National Semiconductor (TI) CLC5633 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Division (Continued)
Driving Cables and Capacitive Loads
When driving cables, double termination is used to prevent
reflections. For capacitive load applications, a small series
resistor at the output of the CLC5633 will improve stability
and settling performance. The
Frequency Response vs. CL
plot, shown below in
Figure 10, gives the recommended
series resistance value for optimum flatness at various ca-
pacitive loads.
Transmission Line Matching
One method for matching the characteristic impedance (Z
o)
of a transmission line or cable is to place the appropriate
resistor at the input or output of the amplifier.
Figure 11
shows typical inverting and non-inverting circuit configura-
tions for matching transmission lines.
Non-Inverting gain applications:
•
Connect pin 2 as indicated in the table in the Closed
Loop Gain Selection section.
•
Make R
1,R2,R6, and R7 equal to ZO.
•
Use R
3 to isolate the amplifier from reactive loading
caused by the transmission line, or by parasitics.
Inverting gain applications:
•
Connect R
3 directly to ground.
•
Make the resistors R
4,R6, and R7 equal to ZO.
•
Make R
5\Rg=ZO.
The input and output matching resistors attenuate the signal
by a factor of 2, therefore additional gain is needed. Use C
6
to match the output transmission line over a greater fre-
quency range. C
6 compensates for the increase of the am-
plifier’s output impedance with frequency.
Power Dissipation
Follow these steps to determine the power consumption of
the CLC5633:
1. Calculate the quiescent (no-load) power: P
amp=ICC (VCC-
V
EE)
2. Calculate the RMS power at the output stage: P
O=(VCC-
V
LOAD)(ILOAD), where Vload and Iload are the RMS voltage
and current across the external load.
3. Calculate the total RMS power: P
t=Pamp+PO
The maximum power that the DIP and SOIC, packages can
dissipate at a given temperature is illustrated in
Figure 12.
The power derating curve for any CLC5633 package can be
derived by utilizing the following equation:
where
T
amb = Ambient temperature (˚C)
θ
JA = Thermal resistance, from junction to ambient, for a
given package (˚C/W)
Frequency (Hz)
1M
10M
100M
Vo = 1Vpp
CL = 10pF
Rs = 49.9Ω
CL = 100pF
Rs = 21Ω
CL = 1000pF
Rs = 6.7Ω
CL
1k
Rs
+
-
1k
1k
DS015005-48
FIGURE 10. Frequency Response vs. CL
CLC5633
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Note: Channel 2 and 3 not shown.
Z0
R4
R5
+
-
V1
R3
Z0
R1
R2
V2 +-
Z0
R6
Vo
C6
R7
DS015005-49
FIGURE 11. Transmission Line Matching
DS015005-51
FIGURE 12. Power Derating Curve
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com