Electronic Components Datasheet Search
  English  ▼

X  

CLC5633 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC5633 Datasheet HTML 5Page - National Semiconductor (TI) CLC5633 Datasheet HTML 6Page - National Semiconductor (TI) CLC5633 Datasheet HTML 7Page - National Semiconductor (TI) CLC5633 Datasheet HTML 8Page - National Semiconductor (TI) CLC5633 Datasheet HTML 9Page - National Semiconductor (TI) CLC5633 Datasheet HTML 10Page - National Semiconductor (TI) CLC5633 Datasheet HTML 11Page - National Semiconductor (TI) CLC5633 Datasheet HTML 12Page - National Semiconductor (TI) CLC5633 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
±5V Typical Performance Characteristics (A
V = +2, RL = 100Ω,VCC = ±5V, unless
specified) (Continued)
Gain Flatness & Linear Phase
Frequency (MHz)
0
5
25
0
-0.5
-0.4
-0.3
-0.2
-0.1
Gain
Phase
10
15
20
30
VO = 1Vpp
DS015005-21
Frequency Response vs. V
O (AV =2)
Frequency (Hz)
1M
10M
100M
Vo = 1Vpp
Vo = 0.1Vpp
Vo = 2Vpp
Vo = 5Vpp
DS015005-22
Frequency Response vs. V
O (AV =1)
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 1Vpp
Vo = 5Vpp
DS015005-23
Frequency Response vs. V
O (AV = −1)
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 1Vpp
Vo = 5Vpp
DS015005-24
Large & Small Signal Pulse Response
Time (10ns/div)
Large Signal
Small Signal
DS015005-25
Differential Gain and Phase
Number of 150
Ω Loads
12
3
4
-0.16
-0.02
-0.04
-0.06
-0.12
-0.14
-0.1
-0.12
-0.08
-0.1
-0.06
-0.08
-0.04
-0.02
0
0.02
Phase Neg Sync
Phase Pos Sync
Gain Neg Sync
Gain Pos Sync
f = 3.58MHz
DS015005-26
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com