Electronic Components Datasheet Search
  English  ▼

X  

CLC5633 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5633 Datasheet HTML 4Page - National Semiconductor (TI) CLC5633 Datasheet HTML 5Page - National Semiconductor (TI) CLC5633 Datasheet HTML 6Page - National Semiconductor (TI) CLC5633 Datasheet HTML 7Page - National Semiconductor (TI) CLC5633 Datasheet HTML 8Page - National Semiconductor (TI) CLC5633 Datasheet HTML 9Page - National Semiconductor (TI) CLC5633 Datasheet HTML 10Page - National Semiconductor (TI) CLC5633 Datasheet HTML 11Page - National Semiconductor (TI) CLC5633 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
+5V Typical Performance Characteristics (Continued)
±5V Typical Performance Characteristics (A
V = +2, RL = 100Ω,VCC = ±5V, unless specified)
Large & Small Signal Pulse Response
Time (10ns/div)
Large Signal
Small Signal
DS015005-16
Output Impedance vs. Frequency
Frequency (Hz)
10k
100k
1M
10M
100M
0
10
20
30
40
50
1k
DS015005-17
I
BN,VIO vs. Temperature
Temperature (
ϒC)
-60
-20
0
20
60
-2.5
5
-1.5
5.5
0.5
6
0
6.5
1.5
7
2.5
7.5
IBN
VIO
100
-40
40
80
DS015005-18
Frequency Response
Frequency (Hz)
1M
10M
100M
-45
0
-90
-225
-135
-180
Gain
Phase
Vo = 1.0Vpp
Av = -1
Av = +1
Av = +2
DS015005-19
Frequency Response vs. R
L
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 1.0Vpp
RL = 1kΩ
RL = 100Ω
RL = 25Ω
DS015005-20
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com