Electronic Components Datasheet Search
  English  ▼

X  

CLC5633 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5633 Datasheet HTML 1Page - National Semiconductor (TI) CLC5633 Datasheet HTML 2Page - National Semiconductor (TI) CLC5633 Datasheet HTML 3Page - National Semiconductor (TI) CLC5633 Datasheet HTML 4Page - National Semiconductor (TI) CLC5633 Datasheet HTML 5Page - National Semiconductor (TI) CLC5633 Datasheet HTML 6Page - National Semiconductor (TI) CLC5633 Datasheet HTML 7Page - National Semiconductor (TI) CLC5633 Datasheet HTML 8Page - National Semiconductor (TI) CLC5633 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
±5 Electrical Characteristics (Continued)
(A
V = +2, RL = 100Ω,VCC = ±5V, unless specified)
Symbol
Parameter
Conditions
Typ
Min/Max Ratings (Note 2)
Units
Distortion And Noise Response
Voltage (e
ni)
>1MHz
4.9
5.9
6.4
6.4
nV/
Non-Inverting Current (i
bn)
>1MHz
6.6
8.5
9.3
9.0
pA/
Inverting Current (i
bi)
>1MHz
11.1
14.7
15.8
15.8
pA/
Crosstalk (Input Referred)
10MHz, 1V
PP
−54
-
-
-
dB
Crosstalk, all Hostile (input
referred)
10MHz, 1V
PP
−52
-
-
-
dB
Static, DC Performance
Input Offset Voltage
7
30
35
35
mV
Average Drift
80
-
-
-
µV/˚C
Input Bias Current
(Non-Inverting)
5
182525
µA
Average Drift
40
-
-
-
nA/˚C
Gain Accuracy
±0.3
±1.5
±2.0
±2.0
%
Internal Resistors (R
f,Rg)
1000
±20%
±26%
±30%
Ω
Power Supply Rejection Ratio
DC
48
45
43
43
dB
Common Mode Rejection Ratio
DC
44
41
39
39
dB
Supply Current (per amplifier)
R
L = ∞
3.2
3.8
4.0
4.0
mA
Miscellaneous Performance
Input Resistance (Non-inverting)
1.1
0.63
0.57
0.57
M
Ω
Input Capacitance
(Non-Inverting)
1.9
2.85
2.85
2.85
pF
Common Mode Input Range
±4.2
±4.1
±4.1
±4.0
V
Output Voltage Range
R
L = 100Ω
±3.8
±3.6
±3.6
±3.5
V
Output Voltage Range
R
L = ∞
±4.0
±3.8
±3.8
±3.7
V
Output Current (Note 4)
130
100
80
50
mA
Output Resistance, Closed Loop
DC
400
600
600
600
m
Ω
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: AJ-level: spec. is 100% tested at +25˚C.
Note 4: The short circuit current can exceed the maximum safe output current
Note 5: VS =VCC −VEE
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com