Electronic Components Datasheet Search
  English  ▼

X  

DM133 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-10-
Version
:A.024
3)Serial_Out Timing Selection
The SERIAL_OUT output timing can be changed by the level of SOMODE. When
SOMODE is set high, data is shifted out on synchronization to the falling edge of
CLOCK, and when SOMODE is set low, data is clocked out to SERIAL_OUT
synchronized on the rising edge of CLOCK.
The graph below depicts the timing of data serial-in and serial-out.
4)Thermal Alarm
The open-drain ALARM pin will go low when the IC junction temperature is
approximately above 150℃. As the thermal alarm is issued, the system should cool
down the temperature (by lowering the PWM current output, or by turning on the fan
system, …etc.).
The ALARM pin will return to high when the IC junction temperature is approximately
below
100℃ or when the power is turned on again after turned off for several seconds.
Operation in a thermal alarm situation for long time may cause permanent damage to
the IC.
CLOCK
SERIAL_IN
LATCH
ENABLE
OUT0
OUT1
OUT2
OUT3
OUT13
OUT14
OUT15
5V
0V
5V
0V
5V
0V
5V
0V
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
SOMODE
5V
0V
5V
0V
SERIAL_OUT
Previous Data
16 Clocks
DATASEL
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com