Electronic Components Datasheet Search
  English  ▼

X  

DM133 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-5-
Version
:A.024
Maximum Ratings (Tj
(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
70
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Clock Frequency
fCLK
25
MHz
GND Terminal Current
IGND
1120
mA
2.11 (HSOP-28 : Ta=25
°C)
W
1.1 (SSOP-28: Ta=25
°C)
W
Power Dissipation
(4 layer PCB)
PD
3.18 (QFN-32 : Ta=25
°C)
W
59.1 (HSOP-28)
°C/W
113.3 (SSOP-28)
°C/W
Thermal Resistance
Rth(j-a)
39.3 (QFN-32)
°C/W
Operating Temperature
Topr
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
⎯
3.0
5.0
5.5
V
Output Voltage
VOUT
⎯
⎯
⎯
17
V
IO
OUTn
5
⎯
60
IOH
SERIAL-OUT
⎯
⎯
1.0
Output Current
IOL
SERIAL-OUT
⎯
⎯
-1.0
mA
VIH
⎯
0.8VDD
⎯
VDD
Input Voltage
VIL
⎯
0.0
⎯
0.2VDD
V
LATCH Pulse Width
tw LAT
15
⎯
⎯
ns
CLOCK Pulse Width
tw CLK
15
⎯
⎯
ns
Set-up Time for DATA
tsetup(D)
10
⎯
⎯
ns
Hold Time for DATA
thold(D)
10
⎯
⎯
ns
Set-up Time for LATCH
tsetup(L)
VDD = 3.3 ~ 5.0 V
15
⎯
⎯
ns
Single Chip operation
⎯
⎯
25
Cascade operation
(SOMODE=’L’) CL=13pF
⎯
⎯
25
Clock Frequency
fCLK
Cascade operation
(SOMODE=‘H’) CL=13pF
⎯
⎯
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com